Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 13 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 9Page - STMicroelectronics A7987 Datasheet HTML 10Page - STMicroelectronics A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
If the overcurrent limit is reached, the power MOSFET is turned off implementing pulse-by-pulse overcurrent
protection. In the overcurrent condition, the device can skip turn-on pulses in order to keep the inductor current
constant and equal to the current limit, assuming only a slight drift due to input and output voltage variation.
If, at the end of the “masking time”, the current is higher than the overcurrent threshold, the power MOSFET is
turned off and one pulse is skipped. If, at the following switching on, when the “masking time” ends, the current is
still higher than the overcurrent threshold, the device skips two pulses. This mechanism is repeated and the
device can skip up to seven pulses (refer to Figure 8. OCP and frequency scaling).
If at the end of the “masking time” the current is lower than the overcurrent threshold, the number of skipped
cycles is decreased by one unit.
As a consequence, the overcurrent/short-circuit protection acts by switching off the power MOSFET and reducing
the switching frequency down to one-eighth of the default switching frequency, in order to keep constant the
output current close to the current limit.
Figure 8. OCP and frequency scaling
Tmask
Ton
I_LIM
I_IND
Up to seven clock pulses can be skipped
If the sensed output voltage, monitored through FB pin, falls below the VFOLD threshold (400 mV typ.) the peak
current limit threshold is reduced to 1/3 of the nominal value. This additional feature helps to reduce the IC stress
in case of output short-circuit.
As soon as the FB pin increases above the VFOLD threshold, the full peak current limit threshold is restored. This
fold-back protection is disabled during the soft-start.
This kind of overcurrent protection is effective if the inductor can be completely discharged during HS MOS turn-
off time, so the inductor current does not run away. In case of output short-circuit, the maximum switching
frequency can be computed by the following equation:
FSW,MAX≤ 8⋅ VF+RDCR⋅ILIM
VIN− RON+RDCR ⋅ILIM⋅ 1TON,MIN
(4)
Assuming VF=0.6 V the free-wheeling diode direct voltage, RDCR=30 mΩ the inductor parasitic resistance,
ILIM=IPK=1.3 A the peak current limit during fold-back protection, RON=0.24 Ω the HS MOS resistance and
TON,MIN=160 ns the minimum HS MOS on duration, the maximum FSW frequency which prevents the inductor
current from running away in case of output short-circuit and VIN=61 V is about 530 kHz.
If the programmed switching frequency is higher than the above computed limit, an estimation of the inductor
current in case of output short-circuit fault is provided by the following equation:
ILIM≤ FSW⋅TON⋅VIN−8⋅VF
8⋅RDCR+FSW⋅TON,MIN(RON+RDCR)
(5)
The peak current limit threshold (ILIM) can be programmed in the range of 0.85 A-4 A by selecting the proper
RILIM resistor, as suggested below:
RILIM=20kΩ⋅IPKILIM
(6)
A7987
Overcurrent protection
DS12928 - Rev 3
page 13/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com