Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 3 Page - STMicroelectronics

  A7987 Datasheet HTML 1Page - STMicroelectronics A7987 Datasheet HTML 2Page - STMicroelectronics A7987 Datasheet HTML 3Page - STMicroelectronics A7987 Datasheet HTML 4Page - STMicroelectronics A7987 Datasheet HTML 5Page - STMicroelectronics A7987 Datasheet HTML 6Page - STMicroelectronics A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2
Block diagram
Figure 2. Block diagram
VIN
OUT
GND
FB
BOOT
PGOOD
EN
SS
LOGIC
and
CONTROL
UVLO
VREG
ENABLE
REF and BIAS
SOFT
START
E/A
TEMP
MONITOR
HS
DRIVER
LS
DRIVER
CURRENT
SENSING
PG
COMP
PWM
COMP
VCC
VBIAS
BOOT
CHARGE
COMP
FSW
SYNCH
ILIM
ISS
+
-
VRAMP
ILIM
FUNCTION
FB
FB
ISNS
OSCILLATOR
& RAMP
VRAMP
MASTER
SLAVE
+
-
+
-
EN
EN
A7987
Block diagram
DS12928 - Rev 3
page 3/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com