Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 17 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics A7987 Datasheet HTML 18Page - STMicroelectronics A7987 Datasheet HTML 19Page - STMicroelectronics A7987 Datasheet HTML 20Page - STMicroelectronics A7987 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Figure 10. Switching regulator control loop simplified model
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to the LX pin results in an
almost constant gain, due to the voltage feed-forward which generates a sawtooth with amplitude VS directly
proportional to the input voltage.
GPWO=VINVS= 1kFF=30
(14)
The synchronization of the device with an external clock provided through the SYNCH pin can modify the PWM
modulator gain (see Section 5.1 Oscillator and synchronization to understand how this gain changes and how to
keep it constant in spite of the external synchronization).
The transfer function of the power section (i.e. the L-C filters and the output load) is:
GLC(s)= R0//RES+ 1sC0
R0//RES+ 1sC0 +sL+RDC
=
R0⋅ 1+sC0RES
s2LC0⋅ R0+RES +s(L+C0R0RDC+C0RESRDC+C0RESR0)+RDC+R0
(15)
given L, RDC, C0, RES and R0
the parameters shown in Figure 10. Switching regulator control loop simplified model. The power section transfer
function can be rewritten as follows:
GLC(s)=GLC0⋅ 1+ s2π⋅fzESR
1+ s2π⋅Q⋅fLC+ s2π⋅fLC2;GLC0= R0R0+RDC≅1
(16)
fzESR= 12π⋅C0RES;fLC= 1
2π LC0 R0+RES
R0+RDC≅
1
2π LC0 R0+RESR0
(17)
Q= LC0⋅ R0+RDC⋅ R0+RES
L+C0⋅ R0RDC+R0RES+RESRDC ≅ LC0⋅ R0⋅(R0+RES)
L+C0R0RES
(18)
with the assumption that the inductor parasitic resistance, RDC, is negligible compared to RO. The closed loop
gain is then given by:
GLOOP(s)=GLC(s)⋅GPWO(s)⋅GCOMP(s)
(19)
A7987
Compensation network
DS12928 - Rev 3
page 17/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com