Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 16 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics A7987 Datasheet HTML 18Page - STMicroelectronics A7987 Datasheet HTML 19Page - STMicroelectronics A7987 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
The output capacitor is the key component that provides the current to the load during a load transient which
exceeds the system bandwidth. So, if the high slew rate load transient is required by the application, the output
capacitor must be designed in order to sustain the load transient or absorbs the energy stored in the inductor until
the converter reacts. In fact, even if the controller detects immediately the load variation and sets the duty cycle at
100% or 0%, the output current slope is limited by the inductor value, the input and output voltage. The output
voltage has a drop or overshoot that depends on the ESR and capacitive charge/discharge, as roughly estimated
in Eq. (11)
ΔVOUT_LT≅ΔIOUT⋅RES,OUT+ΔIOUT⋅ L⋅ΔIOUT
2⋅COUT⋅ΔVL
(11)
where ∆VL is the voltage applied to the inductor during the load appliance or load release.
ΔVL= VIN−VOUT
VOUT
(12)
MLCC capacitors have a typically low ESR to minimize the ripple but also have a low capacitance that does not
minimize the voltage deviation during dynamic load variations.
Electrolytic capacitors, on the other hand, have a large capacitance which minimizes voltage deviation during load
transients whereas they do not show the same ESR values as the MLCCs, resulting then in higher ripple
voltages.
A mix between an electrolytic and MLCC capacitor can be used to minimize ripple as well as reducing voltage
deviation in dynamic mode.
The high bandwidth error amplifier of the A7987 and the external compensation feature let design a wide range of
output filter configurations (including all MLCC solutions) and perform a fast transient response.
6.3
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the minimum inductance
value, in order to have the expected current ripple, must be selected.
The rule to fix the current ripple value is to have a ripple at 20%-40% of the output current.
In the continuous conduction mode (CCM), the required inductance value can be calculated by the following
equation:
L=VOUT⋅ 1−VOUTVIN
ΔIL⋅FSW
(13)
In order to guarantee a maximum current ripple in every condition, Eq. (13) must be evaluated in case of
maximum input voltage, assuming VOUT fixed.
Increasing the value of the inductance helps reduce the current ripple but, at the same time, strongly impacts the
converter response time to a dynamic load change. The response time is the time required by the inductor to
change its current from the initial to the final value. Until the inductor has finished its charging (or discharging)
time, the output current is supplied (or recovered) by the output capacitors.
Further, if the compensation network is properly designed, during a load variation the device is able to properly
change the duty cycle so improving the control loop transient response. When this condition is reached the
response time is only limited by the time required to change the inductor current, basically by VIN, VOUT and L.
Minimizing the response time, at the end, can help to decrease the output filter total cost and to reduce the
application area.
6.4
Compensation network
The compensation network must assure stability and good dynamic performance. The loop of the A7987 is based
on the voltage mode control. The error amplifier is an operational amplifier with a high bandwidth. So, by selecting
the compensation network the E/A is considered as ideal, that is, its bandwidth is much larger than the system
one.
A7987
Inductor selection
DS12928 - Rev 3
page 16/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com