Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 20 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 20 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Copyright © Bridgetek Pte Ltd
20
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
REG_DITHER enables colour dither; the default is enabled. This option improves the half-tone appearance
on displays. Internally, the graphics engine computes the colour values at an 8 bit precision; however,
the LCD colour at a lower precision is sufficient. The FT801 output is only 6 bits per colour in 6:6:6
formats and a 2X2 dither matrix allow the truncated bits to contribute to the final colour values.
REG_OUTBITS gives the bit width of each colour channel, the default is 6, 6, 6 bits for each RGB colour.
A lower value means fewer bits are output for each channel allowing dithering on lower precision LCD
displays.
REG_SWIZZLE controls the arrangement of the output colour pins, to help the PCB route different LCD
panel arrangements. Bit 0 of the register causes the order of bits in each colour channel to be reversed.
Bits 1-3 control the RGB order. Setting Bit 1 causes R and B channels to be swapped. Setting Bit 3 allows
rotation to be enabled. If Bit 3 is set, then (R,G,B) is rotated right if bit 2 is one, or left if bit 2 is zero.
REG_SWIZZLE
PINS
b3 b2 b1 b0 R7, R6, R5,
R4, R3, R2
G7, G6, G5,
G4, G3, G2
B7, B6, B5, B4,
B3, B2
0
X
0
0
R[7:2]
G[7:2]
B[7:2]
Power on Default
0
X
0
1
R[2:7]
G[2:7]
B[2:7]
0
X
1
0
B[7:2]
G[7:2]
R[7:2]
0
X
1
1
B[2:7]
G[2:7]
R[2:7]
1
0
0
0
G[7:2]
B[7:2]
R[7:2]
1
0
0
1
G[2:7]
B[2:7]
R[2:7]
1
0
1
0
G[7:2]
R[7:2]
B[7:2]
1
0
1
1
G[2:7]
R[2:7]
B[2:7]
1
1
0
0
B[7:2]
R[7:2]
G[7:2]
1
1
0
1
B[2:7]
R[2:7]
G[2:7]
1
1
1
0
R[7:2]
B[7:2]
G[7:2]
1
1
1
1
R[2:7]
B[2:7]
G[2:7]
Table 4-10 REG_SWIZZLE RGB Pins Mapping
4.5
Miscellaneous Control
4.5.1 Backlight Control Pin
The backlight control pin is a pulse width modulated (PWM) signal controlled by two registers:
REG_PWM_HZ and REG_PWM_DUTY. REG_PWM_HZ specifies the PWM output frequency, the range is
250-10000 Hz. REG_PWM_DUTY specifies the duty cycle; the range is 0-128. A value of 0 means that the
PWM is completely off and 128 means completely on.
4.5.2 DISP Control Pin
The DISP pin is a general purpose output that can be used to enable or as a reset control to LCD display
panel. The pin is controlled by writing to Bit 7 of REG_GPIO register.
4.5.3 General Purpose IO pins
The GPIO1 and GPIO0 pins are default inputs. Write '1' to Bit 1 and 0 of REG_GPIO_DIR to change to
output pins respectively. In I²C mode the GPIO0 is used as SA2 and is not available as GPIO.
GPIO1 and GPIO0 are read from or write to bit 1 and 0 of REG_GPIO register. GPIO1 is recommended to
be used as shutdown control for audio power amplifier.
4.5.4 Pins Drive Current Control
The output drive current of output pins can be changed as per the following table by writing to bit[6:2] of
REG_GPIO register:
REG_GPIO
Bit[6:5]
Bit[4]
Bit[3:2]
Value
00b#
01b
10b
11b
0b#
1b
00b#
01b
10b
11b
Drive
4mA
8mA
12mA
16mA
4mA
8mA
4mA
8mA
12mA
16mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com