Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 28 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 28 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Copyright © Bridgetek Pte Ltd
28
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
4.8.3.6 Pin Status at Different Power States
The FT801 pin status depends on the power state of the chip. See the following table for more details. At
power transition from ACTIVE to STANDBY or ACTIVE to SLEEP, all pins retains their previous status. The
software needs to set AUDIO_L, BACKLIGHT and PCLK to a known state before issuing power transition
commands.
Pin Name
Reset State
(VCC /
VCCIO ON)
Reset State
(VCC / VCCIO
ON) Default
Output Drive
Strength
Active/Sta
ndby/Sleep
state (VCC
/ VCCIO
ON)
Powerdown
state (VCC
ON / VCC1.2
OFF)
Hybrid Mode
(VCC OFF /
VCCIO ON)
AUDIO_L
Tristate
Output (hi-Z)
16mA
Output
Retain
previous state
SPI_SCLK/I2C_
SCL
Input
(floating)
Input
Input (floating)
MISO/I2C_SDA
Tristate
Output (hi-Z)
4mA
Input/Output
Tristate Output
(hi-Z)
MOSI/I2C_SA0
Input
(floating)
Input
Input (floating)
CS_N/I2C_SA1
Input
(floating)
Input
Input (floating)
GPIO0/I2C_SA
2
Input
(floating)
Input/Output
Tristate Output
(hi-Z)
GPIO1
Tristate
Output (hi-Z)
4mA
Input/Output
Tristate Output
(hi-Z)
MODE
Input
Input
Input (floating)
INT_N
Open Drain
Output (hi-Z)
4mA
Open Drain
Output
Tristate Output
(hi-Z)
PD_N
Input
Input
Input (floating)
X1/CLK
Input
(floating)
Crystal
Oscillator
Input CLK
Input
Note: If
applicable,
external clock
on X1/CLK pin
should be
removed
X2
Output (hi-Z)
Crystal
Oscillator
Output
CTP_RST_N
Tristate
Output (hi-Z)
Output
Retain Previous
State
CTP_INT_N
Tristate
Output (hi-Z)
Input
Retain Previous
State
CTP_SCL
Tristate
Output (hi-Z)
Input/Outpu
t
Retain Previous
State
CTP_SDA
Tristate
Output (hi-Z)
Input/Outpu
t
Retain Previous
State
BACKLIGHT
Output
4mA
Output
Retain Previous
State
DE
Output
4mA
Output
Output Low
VSYNC
Output
4mA
Output
Output Low
HSYNC
Output
4mA
Output
Output Low
DISP
Output
4mA
Output
Output Low
PCLK
Output
4mA
Output
Output Low
R(7:2), G(7:2),
B(7:2)
Output
4mA
Output
Output Low
Table 4-16 Pin Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com