Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 24 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 24 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Copyright © Bridgetek Pte Ltd
24
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
4.7 Touch-Screen Engine
The Capacitive Touch Screen Engine (CTSE) of FT801 communicates with external capacitive touch panel
module (CTPM) through I2C interface. The CTPM will assert its interrupt line when there is a touch
detected. Upon detecting CTP_INT_N line active, the FT801 will read the touch data through I2C. Up to 5
touches can be reported and stored in FT801 registers. FT801 currently supports CTPM with FT5x06 or
IQS5xx drive chip.
Figure 4-7 Touch screen connection
The host controls the CTSE operation mode by writing the REG_CTOUCH_MODE.
REG_CTOUCH_MODE Mode
Description
0
OFF
Acquisition stopped
1
ONE-SHOT
Perform acquisition once every time MPU write '1' to
REG_CTOUCH_MODE.
2
Reserved
Reserved
3
CONTINUOUS
Perform acquisition continuously at the reporting rate of the
connected CTPM.
Table 4-14 Touch Controller Operating Mode
The FT801 CTSE supports compatibility mode and extended mode. By default the CTSE runs in
compatibility mode where the touch system provides an interface very similar to the FT800’s. In this
mode the same application code can run on FT800 and FT801 without alteration. In extended mode, the
touch register meanings are modified, and a second set of registers are exposed. These allow multi-touch
detection.
4.7.1 Compatibility mode
The CTSE reads the X and Y coordinates from CTPM and writes to register REG_CTOUCH_RAW_XY. If the
touch screen is not being pressed, both registers read 65535 (FFFFh).
These touch values are transformed into screen coordinates using the matrix in registers
REG_CTOUCH_TRANSFORM_A-F.
The
post-transform
coordinates
are
available
in
register
REG_CTOUCH_SCREEN_XY. If the touch screen is not being pressed, both registers read -32768 (8000h).
The values for REG_CTOUCH_TRANSFORM_A-F may be computed using an on-screen calibration process.
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer, delivering
a final 8-bit tag value, in REG_TOUCH_TAG. Because the tag lookup takes a full frame, and touch
coordinates change continuously, the original (x; y) used for the tag lookup is also available in
REG_TOUCH_TAG_XY.
SCL
RSTN
SDA
INTN
FT801
CTP_SCL
CTP_SDA
CTP_INT_N
CTP_RST_N
Capacitive Touch
Panel Module
3.3V
GND
4.7K
4.7K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com