Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 22 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 22 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Copyright © Bridgetek Pte Ltd
22
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
nspiel
13h
4 short pips
N
Y
44h
organ
N
Y
14h
5 short pips
N
Y
45h
trump
et
N
Y
15h
6 short pips
N
Y
46h
piano
N
Y
16h
7 short pips
N
Y
47h
chimes
N
Y
17h
8 short pips
N
Y
48h
music
box
N
Y
18h
9 short pips
N
Y
49h
bell
N
Y
19h
10 short
pips
N
Y
50h
click
N
N
1Ah
11 short
pips
N
Y
51h
switch
N
N
1Bh
12 short
pips
N
Y
52h
cowbel
l
N
N
1Ch
13 short
pips
N
Y
53h
notch
N
N
1Dh
14 short
pips
N
Y
54h
hihat
N
N
1Eh
15 short
pips
N
Y
55h
kickdr
um
N
N
1Fh
16 short
pips
N
Y
56h
pop
N
N
23h
DTMF #
Y
N
57h
clack
N
N
2Ch
DTMF *
Y
N
58h
chack
N
N
30h
DTMF 0
Y
N
60h
mute
N
N
31h
DTMF 1
Y
N
61h
unmut
e
N
N
Table 4-12 Sound Effect
MIDI
note
ANSI
note
Freq
(Hz)
MIDI
note
ANSI
note
Freq
(Hz)
21
A0
27.5
65
F4
349.2
22
A#0
29.1
66
F#4
370.0
23
B0
30.9
67
G4
392.0
24
C1
32.7
68
G#4
415.3
25
C#1
34.6
69
A4
440.0
26
D1
36.7
70
A#4
466.2
27
D#1
38.9
71
B4
493.9
28
E1
41.2
72
C5
523.3
29
F1
43.7
73
C#5
554.4
30
F#1
46.2
74
D5
587.3
31
G1
49.0
75
D#5
622.3
32
G#1
51.9
76
E5
659.3
33
A1
55.0
77
F5
698.5
34
A#1
58.3
78
F#5
740.0
35
B1
61.7
79
G5
784.0
36
C2
65.4
80
G#5
830.6
37
C#2
69.3
81
A5
880.0
38
D2
73.4
82
A#5
932.3
39
D#2
77.8
83
B5
987.8
40
E2
82.4
84
C6
1046.5
41
F2
87.3
85
C#6
1108.7
42
F#2
92.5
86
D6
1174.7
43
G2
98.0
87
D#6
1244.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com