Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 8 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 8 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Copyright © Bridgetek Pte Ltd
8
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Pin No.
Name
Type
Description
32
B5
O
Bit 5 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
33
B4
O
Bit 4 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
34
B3
O
Bit 3 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
35
B2
O
Bit 2 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
36
GND
P
Ground
37
G7
O
Bit 7 of Green RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
38
G6
O
Bit 6 of Green RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
39
G5
O
Bit 5 of Green RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
40
G4
O
Bit 4 of Green RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
41
G3
O
Bit 3 of Green RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
42
G2
O
Bit 2 of Green RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
43
R7
O
Bit 7 of Red RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
44
R6
O
Bit 6 of Red RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
45
R5
O
Bit 5 of Red RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
46
R4
O
Bit 4 of Red RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
47
R3
O
Bit 3 of Red RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
48
R2
O
Bit 2 of Red RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
EP
GND
P
Ground. Exposed thermal pad.
Table 3-1 FT801Q pin description
Note:
P
: Power or ground
I
: Input
O
: Output
OD
: Open drain output
I/O
: Bi-direction Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com