Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 43 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 43 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Copyright © Bridgetek Pte Ltd
43
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Table 5-2 Overview of FT801 Registers.......................................................................................... 31
Table 6-1 Absolute Maximum Ratings............................................................................................ 32
Table 6-2 Operating Voltage and Current ....................................................................................... 32
Table 6-3 Digital I/O Pin Characteristics (VCC/VCCIO = +3.3V, Standard Drive Level)......................... 32
Table 6-4 Digital I/O Pin Characteristics (VCCIO = +2.5V, Standard Drive Level)................................ 33
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +1.8V, Standard Drive Level)................................ 33
Table 6-6 System clock characteristics (Ambient Temperature = -40°C to +85°C).............................. 33
Table 6-7 SPI Interface Timing Specification .................................................................................. 34
Table 6-8 I2C Interface Timing ..................................................................................................... 34
Table 6-9 RGB Video Timing Characteristics ................................................................................... 35
Table 8-1 Reflow Profile Parameter Values ..................................................................................... 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com