Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 23 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 23 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Copyright © Bridgetek Pte Ltd
23
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
44
G#2
103.8
88
E6
1318.5
45
A2
110.0
89
F6
1396.9
46
A#2
116.5
90
F#6
1480.0
47
B2
123.5
91
G6
1568.0
48
C3
130.8
92
G#6
1661.2
49
C#3
138.6
93
A6
1760.0
50
D3
146.8
94
A#6
1864.7
51
D#3
155.6
95
B6
1975.5
52
E3
164.8
96
C7
2093.0
53
F3
174.6
97
C#7
2217.5
54
F#3
185.0
98
D7
2349.3
55
G3
196.0
99
D#7
2489.0
56
G#3
207.7
100
E7
2637.0
57
A3
220.0
101
F7
2793.8
58
A#3
233.1
102
F#7
2960.0
59
B3
246.9
103
G7
3136.0
60
C4
261.6
104
G#7
3322.4
61
C#4
277.2
105
A7
3520.0
62
D4
293.7
106
A#7
3729.3
63
D#4
311.1
107
B7
3951.1
64
E4
329.6
108
C8
4186.0
Table 4-13 MIDI Note Effect
4.6.2 Audio Playback
The FT801 can play back recorded sound through its audio output. To do this, load the original sound
data into the FT801’s RAM, and set registers to start the playback.
The registers controlling audio playback are:
REG_PLAYBACK_START:
the start address of the audio data
REG_PLAYBACK_LENGTH:
the length of the audio data, in bytes
REG_PLAYBACK_FREQ:
the playback sampling frequency, in Hz
REG_PLAYBACK_FORMAT:
the playback format, one of LINEAR SAMPLES, uLAW
SAMPLES, or ADPCM SAMPLES
REG_PLAYBACK_LOOP:
if zero, sample is played once. If one, sample is repeated
indefinitely
REG_PLAYBACK_PLAY: a write to this location triggers the start of audio playback,
regardless of writing ‘0’ or ‘1’. Read back ‘1’ when playback
is ongoing, and ‘0’ when playback finishes
REG_VOL_PB:
playback volume, 0-255
The mono audio format supported is 8-bits PCM, 8-bits uLAW and 4-bits IMA-ADPCM.
For
ADPCM_SAMPLES, each sample is 4 bits, so two samples are packed per byte, first sample is in bits 0-3
and the second is in bits 4-7.
The current audio playback read pointer can be queried by reading the REG_PLAYBACK_READPTR. Using
a large sample buffer, looping, and this read pointer, the host MPU/MCU can supply a continuous stream
of audio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com