Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 31 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 31 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Copyright © Bridgetek Pte Ltd
31
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Address
Register Name
Bits
Access
Reset
value
Description
1024F8h
REG_CTOUCH_REG
16 r/w
1770h CTPM configure register write
Bit [7:0]: configure register address
Bit [15:8]: configure register value
1024FCh
–
102504h
Reserved
- -
- Reserved
102508h
REG_CTOUCH_
RAW_XY
REG_CTOUCH_TOUCH1
_XY
32 r/o
- Compatibility mode: touch-screen raw
(x-MSB16; y-LSB16)
Extended mode: touch-screen screen
data for touch 1 (x-MSB16; y-LSB16)
10250Ch
REG_CTOUCH_TOUCH4
_Y
16 r/o
-
Extended mode: touch-screen screen
Y data for touch 4
102510h
REG_TOUCH_
SCREEN_XY
REG_CTOUCH_TOUCH0
_XY
32 r/o
- Compatibility mode: touch-screen
screen (x-MSB16; y-LSB16)
Extended mode: touch-screen screen
data for touch 0 (x-MSB16; y-LSB16)
102514h
REG_TOUCH_
TAG_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag lookup
102518h
REG_TOUCH_TAG
8 r/o
- Touch-screen tag result
10251Ch
REG_CTOUCH_TRANSF
ORM_A
32 r/w
000100
00h
Touch-screen transform coefficient
(s15.16)
102520h
REG_CTOUCH_TRANSF
ORM_B
32 r/w
000000
00h
Touch-screen transform coefficient
(s15.16)
102524h
REG_CTOUCH_TRANSF
ORM_C
32 r/w
000000
00h
Touch-screen transform coefficient
(s15.16)
102528h
REG_CTOUCH_TRANSF
ORM_D
32 r/w
000000
00h
Touch-screen transform coefficient
(s15.16)
10252Ch
REG_CTOUCH_TRANSF
ORM_E
32 r/w
000100
00h
Touch-screen transform coefficient
(s15.16)
102530h
REG_CTOUCH_TRANSF
ORM_F
32 r/w
000000
00h
Touch-screen transform coefficient
(s15.16)
102534h
Reserved
- -
- Reserved
102538h
REG_CTOUCH_TOUCH4
_X
16 r/o
- Extended mode: touch-screen screen X
data for touch 4
10253Ch
–
102550h
Reserved
- -
- Reserved
102554h
REG_SCREENSHOT_RE
AD
1 r/w
0h Set to enable readout of the
screenshot of the selected Y line
102558h
–
102568h
Reserved
- -
- Reserved
10256Ch
REG_TRIM
5 r/w
0h Internal relaxation clock trimming
102570h
Reserved
- -
- Reserved
102574h
REG_CTOUCH_DIRECT_
XY
REG_CTOUCH_TOUCH2
_XY
32 r/o
- Compatibility mode: Touch screen
direct (x-MSB16; y-LSB16)
conversions
Extended mode: touch-screen screen
data for touch 2 (x-MSB16; y-LSB16)
102578h
REG_CTOUCH_DIRECT_
Z1Z2
REG_CTOUCH_TOUCH3
_XY
32 r/o
- Compatibility mode: Touch screen
direct (z1-MSB16; z2-LSB16)
conversions
Extended mode: touch-screen screen
data for touch 3 (x-MSB16; y-LSB16)
109000h
REG_TRACKER
32 r/w
000000
00h
Track register (Track value – MSB16;
Tag value - LSB8)
Table 5-2 Overview of FT801 Registers
Note: All register addresses are 4-byte aligned. The value in “Bits” column refers to the number of valid
bits from bit 0 unless otherwise specified; other bits are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com