Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 25 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 25 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Copyright © Bridgetek Pte Ltd
25
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
4.7.2 Extended mode
Setting REG_CTOUCH_EXTENDED to 1b’0 enables extended mode. In extended mode a new set of
readout registers are available, allowing gesture and up to five touches to be read. There are two classes
of registers: control registers and status registers. Control registers are written by MCU. Status registers
can be read out by MCU and the FT801’s hardware tag system.
The five touch coordinates are packed in REG_CTOUCH_TOUCH0_XY, REG_CTOUCH_TOUCH1_XY,
REG_CTOUCH_TOUCH2_XY, REG_CTOUCH_TOUCH3_XY, REG_CTOUCH4_X and REG_CTOUCH4_Y.
Coordinates stored in these registers are signed 16-bit values, so have range -32768 to 32767. The no-
touch condition is indicated by x=y= -32768. These coordinates are already transformed into screen
coordinates
based
on
the
raw
data
read
from
CTPM,
using
the
matrix
in
registers
REG_CTOUCH_TRANSFORM_A-F. To obtain raw (x, y) coordinates read from CTPM, the user sets the
REG_CTOUCH_TRANSFORM_A-F registers to the identity matrix.
The FT801 tag mechanism is implemented by hardware, and can only query a single (x, y) location.
REG_TOUCH_TAG always reports the first touch, that is, the (x, y) from REG_CTOUCH_TOUCH0_XY.
4.8
Power Management
4.8.1 Power supply
The FT801 may be operated with a single supply of 3.3V apply to VCC and VCCIO pins. For operation with
host MPU/MCU at lower supply, connect the VCCIO to MPU power to match the interface power.
Symbol
Typical
Description
VCCIO
1.8V, or 2.5V, or
3.3V
Supply for Host interface digital I/O pad only, LCD RGB interface supply
from VCC.
VCC
3.3V
Supply for chip
Table 4-15 Power supply
4.8.2 Internal Regulator and POR
The 1.2V internal regulator provides power to the core circuit. The regulator is disabled when device is in
POWERDOWN state. Power down is activated either by the SCU command write or by holding down the
PD_N pin for at least 5mS to allow the 1.2V decoupling capacitor to discharge fully. The regulator is
enabled only by releasing the PD_N pin. A 47kΩ resistor is recommended to pull the PD_N pin up to
VCCIO, together with a 100nF capacitor to ground in order to delay the 1.2V regulator powering up after
the VCC and VCCIO are stable.
The 1.2V internal regulator requires a compensation capacitor to be stable. A typical design puts a 4.7uF
capacitor with ESR >0.5Ω is required between VCC1V2 to GND pins. Do not connect any load to this pin.
The 1.2V regulator will generate Power-On-Reset (POR) pulse when the output voltage rises above the
POR threshold. The POR will reset all the core digital circuits.
It is possible to use PD_N pin as an asynchronous hardware reset input. Drive PD_N low for at least 5ms
and then drive it high will reset the FT801 chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com