Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 1 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 1 Page - Bridgetek Pte Ltd.

  FT801Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Copyright © Bridgetek Pte Ltd
1
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Bridgetek Pte Ltd
FT801
(Embedded Video Engine)
The FT801 is an easy to use graphic controller
targeted for embedded applications to generate high-
quality Human Machine Interfaces (HMIs). It has the
following features:
FT801 functionality includes graphic controller,
audio processing, and capacitive touch controller
interface.
Compatibility mode allows display code to be run
on FT801 or FT800. Extended mode enables multi-
touch capabilities for FT801.
Embedded Video Engine (EVE) with widget
support can offload the system MPU and provide a
variety of graphic features
Built-in graphics operations allow users with little
expertise to create high-quality display
Support capacitive touch screen with up to 5
touches detection
Hardware engine can recognize touch tags and
track touch movement. It provides notification for
up to 255 touch tags.
Enhanced sketch processing
Programmable
interrupt
controller
provides
interrupts to host MPU/MCU
Built-in 12MHz crystal oscillator with PLL providing
48MHz or 36MHz system clock
Clock switch command for internal or external
clock source. External 12MHz crystal or clock input
can be used for higher accuracy.
Video RGB parallel output (default RGB data width
of 6-6-6) with 2 bit dithering; configurable to
support resolution up to 512x512 and R/G/B data
width of 1 to 6
Programmable timing to adjust HSYNC and VSYNC
timing, enabling interface to numerous displays
Support for LCD display in WQVGA (480x272) and
QVGA (320x240) formats with data enable (DE)
support mode and VSYNC/HSYNC mode
The FT801 calculates for 8-bit colour despite only
providing
pins
for
6-bit
(RGB-6,6,6);
this
improves the half tone appearance
Display enable control output to LCD panel
Mono audio channel output with PWM output
Built-in sound synthesizer
Audio wave playback for mono 8-bit linear PCM,
4-bit ADPCM and µ-Law coding format at sampling
frequency from 8 kHz to 48 kHz. Built-in digital
filter reduces the system design complexity of
external filtering
PWM output for backlight dimming control for LED
Low power consumption for portable application,
24mA active (typical) and 250 uA sleep (typical)
No frame buffer RAM required
Advanced object oriented architecture enables low
cost MPU/MCU as system host using I2C and SPI
interfaces
Power mode control allows chip to be put in power
down, sleep and standby states
Supports host interface I/O voltage from 1.8V to
3.3V
Standard serial interface to host MPU/MCU with
SPI up to 30MHz or I²C clocking up to 3.4MHz
Internal voltage regulator supplies 1.2V to the
digital core
-40°C to 85°C extended operating temperature
range
Available in a compact Pb-free, VQFN-48, 7mm X
7mm X 0.9mm package, RoHS compliant
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or
reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its
documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or
implied. Bridgetek Pte Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product.
Your statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or
system in which the failure of the product might reasonably be expected to result in personal injury. This document provides
preliminary information that may be subject to change without notice. No freedom to use patents or other intellectual property
rights is implied by the publication of this document. Bridgetek Pte Ltd, 178 Paya Lebar Road, #07-03, Singapore 409030.
Singapore Registered Company Number: 201542387H


Similar Part No. - FT801Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT801 FTDI-FT801 Datasheet
1Mb / 57P
The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT801Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com