Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 16 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 16 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Copyright © Bridgetek Pte Ltd
16
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Main features supported are:
Drawing of widgets such as buttons, clock, keys, gauges, text displays, progress bars, sliders,
toggle switches, dials, gradients, etc.
JPEG decode (Only baseline is supported)
Inflate functionality (zlib inflate is supported)
Timed interrupt (generate an interrupt to host processor after a specified number of
milliseconds)
In built animated functionalities such as displaying logo, calibration, spinner, screen saver and
sketch
Snapshot feature to capture the current graphics display
For a complete list of graphics engine display commands and widgets refer to FT800 Series Programmers
Guide - Chapter 4.
4.3.2 ROM and RAM Fonts
The FT801 has built in ROM character bitmaps as font metrics. The graphics engine can use these metrics
when drawing text fonts. There are total 16 ROM fonts, numbered with font handle 16-31. The user can
define and load customized font metrics into RAM_G, which can be used by display command with handle
0-15.
Each font metric block has a 148 byte font table which defines the parameters of the font and the pointer
of font image. The font table format is shown in Table 4-6.
Address Offset
Size(byte)
Parameter Description
0
128
width of each font character, in pixels
128
4
font bitmap format, for example L1, L4 or L8
132
4
font line stride, in bytes
136
4
font width, in pixels
140
4
font height, in pixels
144
4
pointer to font image data in memory
Table 4-6 Font table format
The ROM fonts are stored in the memory space ROM_FONT. The ROM font table is also stored in the
ROM. The starting address of ROM font table for font index 16 is stored at ROM_FONT_ADDR, with other
font tables follow. The ROM font table and individual character width (in pixel) are listed in Table 4-7
through Table 4-9. Font index 16, 18 and 20-31 are for basic ASCII characters (code 0-127), while font
index 17 and 19 are for Extended ASCII characters (code 128-255). The character width for font index 17
or 19 is fixed at 8 pixels for any of the Extended ASCII characters.
Font Index
16 17
18 19 20 21 22 23 24 25 26 27 28
29 30 31
Font format
L1
L1
L1
L1
L1
L1
L1
L1
L1
L1
L4
L4
L4
L4
L4
L4
Line stride
1
1
1
1
2
2
2
3
3
4
6
8
9
11
14
18
Font width
8
8
8
8
10
13
14
17
24
30
12
16
18
22
28
36
Font height
8
8
16
16
13
17
20
22
29
38
16
20
25
28
36
49
Image pointer
start address
(hex)
Table 4-7 ROM font table
Font Index =>
16
18
20
21
22
23
24
25
26
27
28
29
30
31
0
NULL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1
SOH
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2
STX
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
ETX
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4
EOT
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
ENQ
-
-
-
-
-
-
-
-
-
-
-
-
-
-
6
ACK
-
-
-
-
-
-
-
-
-
-
-
-
-
-
7
BEL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
8
BS
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com