Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 14 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 14 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Copyright © Bridgetek Pte Ltd
14
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
4.2
System Clock
4.2.1 Clock Source
The FT801 can be configured to use any of the three clock sources for system clock:
Internal relaxation oscillator clock
External 12MHz crystal
External 12MHz square wave clock
Figure 4-4, Figure 4-5 and Figure 4-6 shows the pin connections for these clock options.
Figure 4-4 Internal relaxation oscillator connection
Figure 4-5 Crystal oscillator connection
Figure 4-6 External clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com