Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 10 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 10 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Copyright © Bridgetek Pte Ltd
10
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Figure 4-2 illustrates a direct connection to a 1.8-3.3V IO MPU/MCU.
Figure 4-2 SPI Interface 1.8-3.3V connection
Figure 4-3 illustrates the FT801 connected to a 5V IO MPU/MCU. The 74LCX125 logic buffer can tolerate
5V signal from the MPU/MCU, and the FT801 input signals are limited to 3.3V.
Figure 4-3 SPI Interface 5V connection
GND
GND
CS_N
MISO
MOSI
SCLK
PD_N
INT_N
CS_N
MISO
MOSI
SCLK
PD_N
INT_N
FT801
1.8-3.3V
VIO
3.3V
VCC
4.7k
4.7k
MPU/MCU
3.3V
GND
5V
GND
GND
CS_N
MISO
MOSI
SCLK
PD_N
INT_N
CS_N
MISO
MOSI
SCLK
PD_N
INT_N
FT801
MPU/MCU
74LCx125
3.3V
VIO
VCC
4.7K
4.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com