Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 4 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 4 Page - Bridgetek Pte Ltd.

  FT801Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Copyright © Bridgetek Pte Ltd
4
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Table of Contents
1
Typical Applications....................................................... 2
1.1 Part Numbers............................................................................. 2
2
FT801 Block Diagram .................................................... 3
3
Device Pin Out and Signal Description........................... 6
3.1 VQFN-48 Package Pin Out .......................................................... 6
3.2 Pin Description .......................................................................... 6
4
Function Description ..................................................... 9
4.1 Serial Host Interface.................................................................. 9
4.1.1
SPI Interface ............................................................................................ 11
4.1.2
I²C Interface ............................................................................................ 11
4.1.3
Serial Data Protocol................................................................................... 11
4.1.4
Host Memory Read .................................................................................... 11
4.1.5
Host Memory Write.................................................................................... 12
4.1.6
Host Command ......................................................................................... 12
4.1.7
Interrupts ................................................................................................ 13
4.2 System Clock ........................................................................... 14
4.2.1
Clock Source ............................................................................................ 14
4.2.2
Phase Locked Loop .................................................................................... 15
4.2.3
Clock Enable............................................................................................. 15
4.2.4
Clock Frequency........................................................................................ 15
4.3 Graphics Engine ....................................................................... 15
4.3.1
Introduction ............................................................................................. 15
4.3.2
ROM and RAM Fonts .................................................................................. 16
4.4 Parallel RGB Interface ............................................................. 19
4.5 Miscellaneous Control .............................................................. 20
4.5.1
Backlight Control Pin ................................................................................. 20
4.5.2
DISP Control Pin ....................................................................................... 20
4.5.3
General Purpose IO pins ............................................................................ 20
4.5.4
Pins Drive Current Control .......................................................................... 20
4.6 Audio Engine............................................................................ 21
4.6.1
Sound Synthesizer .................................................................................... 21
4.6.2
Audio Playback ......................................................................................... 23
4.7 Touch-Screen Engine ............................................................... 24
4.7.1
Compatibility mode ................................................................................... 24
4.7.2
Extended mode......................................................................................... 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com