Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801Q-R Datasheet(PDF) 33 Page - Bridgetek Pte Ltd.

Part # FT801Q-R
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801Q-R Datasheet(HTML) 33 Page - Bridgetek Pte Ltd.

Back Button FT801Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT801Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Copyright © Bridgetek Pte Ltd
33
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage
High
VCCIO-0.4
-
-
V
Ioh=4mA
Vol
Output Voltage
Low
-
-
0.4
V
Iol=4mA
Vih
Input High
Voltage
0.7 X
VCCIO
-
-
V
-
Vil
Input Low
Voltage
-
-
0.3 X
VCCIO
V
-
Vth
Schmitt
Hysteresis
Voltage
0.28
0.39
0.5
V
-
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Table 6-4 Digital I/O Pin Characteristics (VCCIO = +2.5V, Standard Drive Level)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage
High
VCCIO-0.4
-
-
V
Ioh=4mA
Vol
Output Voltage
Low
-
-
0.4
V
Iol=4mA
Vih
Input High
Voltage
0.7 X
VCCIO
-
-
V
-
Vil
Input Low
Voltage
-
-
0.3 X
VCCIO
V
-
Vth
Schmitt
Hysteresis
Voltage
0.25
0.35
0.5
V
-
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +1.8V, Standard Drive Level)
6.3
AC Characteristics
6.3.1 System clock
Parameter
Value
Units
Minimum
Typical
Maximum
Internal Relaxation Clock
Untrimmed frequency range
4.46
6.7
12.11
MHz
Trimmed frequency
-
12
-
MHz
Frequency tuning accuracy
-2.5
-
+2.5
%
Frequency variation over voltage and
temperature
-3
-
+3
%
Crystal
Frequency
-
12.000
-
MHz
X1/X2
Capacitance
-
5
10
pF
External clock input
Frequency
-
12.000
-
MHz
Duty cycle
45
50
55
%
Input voltage on
X1/CLKIN
-
3.3
-
Vp-p
Table 6-6 System clock characteristics (Ambient Temperature = -40°C to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com