Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 20Page - Power Integrations, Inc. 7708 Datasheet HTML 21Page - Power Integrations, Inc. 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. 7708 Datasheet HTML 25Page - Power Integrations, Inc. 7708 Datasheet HTML 26Page - Power Integrations, Inc. 7708 Datasheet HTML 27Page - Power Integrations, Inc. 7708 Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Rev. B 04/15
24
TFS7701-7708
www.power.com
Brown-Out
At full load, reduce input voltage until the output just falls out of
regulation. Note the HVDC input voltage, measure the duty
cycle, and check the waveforms for complete core reset. Reduce
the input voltage further until the output just drops below
regulation (it is now in “LR mode”) while checking for complete
core reset further reduce input voltage to find the voltage at
which the converter shuts off (main UVLO)
Temperatures
Use a thermal camera and check device hotspot temperature,
and the temperatures of the snubber components, output
diodes, and magnetics.
Light Load
Examine the high-side MOSFET Source waveform at very light
load. As the load is reduced, the duty cycle will begin to
reduce, and at light enough load the high-side Source voltage
will not reach ground. Keep reducing the load and check for
misfiring in the high-side MOSFET. At 132 kHz operation, some
misfiring at very light load may occur, but it should occur at
such low duty cycles that any audio noise in the main transformer
will not be audible if the transformer is dip-varnished.
Loop Stability
As a first check, do a load step of 50% -> 100% load, and
check for oscillation or excessive ringing. Also check from
100% to peak load (be careful to avoid over-heating when
operating at peak load).
Check for cross-talk between the forward and flyback outputs.
When a load transient is applied to one output, the other output
should only show a very small perturbation, well below the
output ripple specification.
Use a gain-phase analyzer and check gain and phase margin at
full load. Also check the minimum phase at lower frequencies.
Check minimum phase at reduced load (just enough for
continuous mode operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com