Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 2Page - Power Integrations, Inc. 7708 Datasheet HTML 3Page - Power Integrations, Inc. 7708 Datasheet HTML 4Page - Power Integrations, Inc. 7708 Datasheet HTML 5Page - Power Integrations, Inc. 7708 Datasheet HTML 6Page - Power Integrations, Inc. 7708 Datasheet HTML 7Page - Power Integrations, Inc. 7708 Datasheet HTML 8Page - Power Integrations, Inc. 7708 Datasheet HTML 9Page - Power Integrations, Inc. 7708 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Rev. B 04/15
6
TFS7701-7708
www.power.com
PI-5263-021511
PWM
COMPARATOR
PWM
INPUT
THERMAL SD
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
SOURCE (S)
S
R
Q
-
+
BYPASS (BP)
LINE-SENSE (L)
RESET (R)
FEEDBACK (FB)
and MAIN CURRENT
LIMIT SELECT
STOP
HSD1
HSD2
FAULT PRESENT
LV
SAW
D2MAX CLK2
MAIN REMOTE-ON
+
-
LEADING
EDGE
BLANKING
R
L
DUTY
CYCLE
LIMIT
D
MAX
GATE
CLK
ON
DRAIN (D)
VBG
LINE
SENSE
LV
POWER ON
ILIMIT
SELECT
VILIMIT
DSS
SOFT-START
PWM INPUT
REMOTE
OFF
REMOTE OFF
GATE
HS
3 V+VT
Figure 3.
Functional Block Diagram for Two-Switch Forward Converter.
HIGH-SIDE
OPERATING VOLTAGE (VDDH)
HSD1
HSD2
12 V
11.5 V
10.5 V
HIGH-SIDE
DRAIN (HD)
HIGH-SIDE
SOURCE (HS)
VDDH
UNDERVOLTAGE
PI-6912-032813
+
DISCRIMINATOR
VOLTAGE
REGULATOR
12 V
S
R
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com