Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 16Page - Power Integrations, Inc. 7708 Datasheet HTML 17Page - Power Integrations, Inc. 7708 Datasheet HTML 18Page - Power Integrations, Inc. 7708 Datasheet HTML 19Page - Power Integrations, Inc. 7708 Datasheet HTML 20Page - Power Integrations, Inc. 7708 Datasheet HTML 21Page - Power Integrations, Inc. 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Rev. B 04/15
20
TFS7701-7708
www.power.com
Figure 23. LINE-SENSE and RESET Pin Resistor Chain. The Highlighted Resistors
Should be SMD Type and Placed as Close as Possible to Their
Respective Pins.
and through-hole for the others), their values should be
proportional to their voltage ratings (while maintaining the correct
total series value).
The last resistor in the series chain, should be connected to the
LINE-SENSE and RESET pins, (R35 and R36 in Figure 23) must
be SMD type and placed very close to their associated pins.
The traces that feed these pins, and the additional series
resistors, should not be placed close to any high dv/dt traces
and areas with high-voltage switching. Noise on these pins
may cause distortion of the various functions determined by the
LINE-SENSE and RESET pins, such as LINE-SENSE pin UVLO,
and LINSE-SENSE and RESET pin duty cycle limiting. For
optimal performance, the LINSE-SENSE and RESET pins are
located in between the BYPASS and GROUND pins which have
DC voltages, so that the traces connecting to the DC voltages
can act as Faraday shields for the traces connected to the
LINSE-SENSE and RESET pins. See Figure 24.
Feedback and Enable Pins
The FEEDBACK and ENABLE pins should likewise be kept
away from noisy, high-voltage switching areas. If it is unavoidable
to have long traces connecting to FEEDBACK pins, then route
these traces parallel to and close to, quiet, low impedance
traces that act as Faraday shields, such as V
AUX or BP.
HiperTFS-2
R
L
PI-7021-060313
R12
1.33 M
Ω
1%
R12
100
Ω
1/2 W
R13
1.33 M
Ω
1%
R35
1.33 M
Ω
1%
R18
1.33 M
Ω
1%
C2
2.2 nF
1 kV
R19
1.33 M
Ω
1%
Place These Components
as Close as Possible to the
LINE-SENSE and RESET Pins
R36
1.33 M
Ω
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com