Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 15Page - Power Integrations, Inc. 7708 Datasheet HTML 16Page - Power Integrations, Inc. 7708 Datasheet HTML 17Page - Power Integrations, Inc. 7708 Datasheet HTML 18Page - Power Integrations, Inc. 7708 Datasheet HTML 19Page - Power Integrations, Inc. 7708 Datasheet HTML 20Page - Power Integrations, Inc. 7708 Datasheet HTML 21Page - Power Integrations, Inc. 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Rev. B 04/15
19
TFS7701-7708
www.power.com
Figure 20. Recommended Y Capacitor Connections to Improve Surge and ESD Immunity and Output Ripple High-Frequency Noise.
Figure 21. Close-up of Output Ripple Voltage Showing Large Spikes. These
Spikes are Often Caused by Common-Mode Switching Noise
Appearing in the Output. A Poor Secondary Layout or a Y Capacitor
Connected to the Output Connector Instead of to the Transformer
Secondary GROUND Pin, can Cause the Spikes.
PI-7011-052913
S
HiperTFS-2
HD
Bulk
Capacitor
Y
Capacitor
Not
Recommended
Bad
Good
Best
Bad
STANDBY DRAIN, MAIN DRAIN, HIGH-SIDE SOURCE, and
HIGH-SIDE OPERATING VOLTAGE Pins
The STANDBY DRAIN, MAIN DRAIN, HIGH-SIDE SOURCE, and
HIGH-SIDE OPERATING VOLTAGE pins are high-voltage switching
nodes with high dv/dt and must be kept away from the traces
connected to low voltage small signal pins (i.e., LINE-SENSE,
RESET, FEEDBACK, ENABLE pins). Stray capacitance between
them will cause capacitive noise injection. The small components
connected to the HIGH-SIDE OPERATING VOLTAGE pin also
have high dv/dt with respect to the other small signal traces.
Place them close to the HIGH-SIDE OPERATING VOLTAGE pin
and away from the other small signal traces. Also place the
Figure 22. VDDH Components Exhibit Large dv/dt and Should be Mounted Close
to the HIGH-SIDE SOURCE and VDDH pins. The Diode Should be
Mounted Close to the VDDH Pin so that the Cathode Trace can be
Made Short. The Anode Trace is Connected to V
AUX and is Quiet.
HD
HS
HiperTFS-2 VDDH
CONTROL
PI-7020-051713
C1
Cathode Close
to C2
Place all These
Components
Close to
VDDH, HS
*R1
VIN
*C2
VHIGH_BIAS
PI-7000-052113
Large Spikes Caused by
Incorrect Y Capacitor
Secondary Location
Normal
Switching Ripple
bootstrap diode (if used, required for 132 kHz), close to the
HIGH-SIDE OPERATING VOLTAGE pin.
LINE-SENSE and RESET
Care must be taken to avoid noise injection into the LINE-SENSE
and RESET pins. These pins have multiple series resistors in
order to reduce the voltage stress per resistor. See Figure 23.
The series resistors in each chain do not have to be the same
type or value. If they have different maximum voltage ratings,
they should have different values, proportional to their voltage
ratings. If the resistors are different types with different
withstand voltage ratings, (e.g., 0805 SMD for R25 and R36,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com