Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 26 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 26 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. 7708 Datasheet HTML 25Page - Power Integrations, Inc. 7708 Datasheet HTML 26Page - Power Integrations, Inc. 7708 Datasheet HTML 27Page - Power Integrations, Inc. 7708 Datasheet HTML 28Page - Power Integrations, Inc. 7708 Datasheet HTML 29Page - Power Integrations, Inc. 7708 Datasheet HTML 30Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Rev. B 04/15
26
TFS7701-7708
www.power.com
During normal and brown-out operation the RESET pin senses
the turn-off clamp voltage via the resistor chain R36, R18, R19
and the internal controller determines the maximum safe duty
factor by comparing the RESET pin current with the LINE-
SENSE pin current. This feature guarantees that saturation of
the transformer is completely avoided in all conditions including
brown-out and load transients.
The LINE-SENSE pin also has a UV low threshold which turns
off the main converter when the input voltage is below 212 V.
This design in particular is intended to operate with a forced air
cooling at full load to maintain a heat sink temperature below
95 ºC at full load at worst-case ambient temperature. The
standby uses auto-restart to protect the standby output from
output overload. The main output is current limited by the
selected internal primary current limit of the main switch path.
See PCB layout in Figure 31. HiperTFS-2 small signal pin
decoupling capacitors are placed close to the HiperTFS-2.
Small signal components and traces connected to the
HiperTFS-2 are kept away or shielded from traces with large
switching voltages. The optocouplers are placed to minimize
capacitive coupling between their signal traces, and traces with
high-voltage switching. Small signal ground return, and ground
traces that conduct large switching currents, are segregated.
Proper PCB clearance is observed between the high-voltage
pins and traces, and low-voltage traces and components.
The Y capacitor (C21) is placed so that it has short direct
connections to the bulk capacitor B+ pin (C1), and the
transformer secondary pins (T1). The output rectifiers (D6 and
D7) are placed close to the secondary pins. The main output
capacitor (C10), is placed close to the main output connector.
Jumpers are used to augment the PCB traces in the high-
current secondary traces.
The primary bias diode (D12) and capacitor (C20), standby
output diode (D16) and capacitor (C17), are placed close to the
standby transformer (T2). C20 negative terminal is routed to the
bulk capacitor B- pin instead of to the HiperTFS-2 SOURCE or
GROUND pin. The 2nd standby output filter capacitor (C15) is
placed close to the standby output connector (J2).
PI-7030-052113
Figure 31. PCB Layout of Design Example Schematic in Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com