Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 26Page - Power Integrations, Inc. 7708 Datasheet HTML 27Page - Power Integrations, Inc. 7708 Datasheet HTML 28Page - Power Integrations, Inc. 7708 Datasheet HTML 29Page - Power Integrations, Inc. 7708 Datasheet HTML 30Page - Power Integrations, Inc. 7708 Datasheet HTML 31Page - Power Integrations, Inc. 7708 Datasheet HTML 32Page - Power Integrations, Inc. 7708 Datasheet HTML 33Page - Power Integrations, Inc. 7708 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Rev. B 04/15
30
TFS7701-7708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Low-Side Main MOSFET (cont.)
ON-State
Resistance
R
DS(ON)
TFS7705
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
1.3
1.49
W
T
J = 100 °C
1.95
2.24
TFS7706
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
1.1
1.26
T
J = 100 °C
1.65
1.90
TFS7707
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
1.0
1.15
T
J = 100 °C
1.45
1.67
TFS7708
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
0.9
1.03
T
J = 100 °C
1.3
1.50
OFF-State Drain
Leakage Current
I
DSS(D)
TFS7701
V
L, VR = 0 V,
I
BP = 6 mA,
V
DS = 560 V,
T
J = 100 °C
150
mA
TFS7702
150
TFS7703
150
TFS7704
150
TFS7705
170
TFS7706
170
TFS7707
470
TFS7708
470
Breakdown Voltage
BV
DSS(D)
V
L, VR = 0 V, IBP = 6 mA, TJ = 25 °C
725
V
Rise Time
t
R(D)
100
ns
Fall Time
t
F(D)
50
ns
High-Side Main MOSFET
ON-State Resistance
R
DS(ON)(HD)
TFS7701
(V
HD - VHS) = 1 V
T
J = 25 °C
1.90
W
T
J = 100 °C
2.40
TFS7702
(V
HD - VHS) = 1 V
T
J = 25 °C
1.90
T
J = 100 °C
2.40
TFS7703
(V
HD - VHS) = 1 V
T
J = 25 °C
1.20
T
J = 100 °C
1.50
TFS7704
(V
HD - VHS) = 1 V
T
J = 25 °C
1.20
T
J = 100 °C
1.50
TFS7705
(V
HD - VHS) = 1 V
T
J = 25 °C
0.90
T
J = 100 °C
1.10
TFS7706
(V
HD - VHS) = 1 V
T
J = 25 °C
0.90
T
J = 100 °C
1.10
TFS7707
(V
HD - VHS) = 1 V
T
J = 25 °C
0.71
T
J = 100 °C
0.90
TFS7708
(V
HD - VHS) = 1 V
T
J = 25 °C
0.71
T
J = 100 °C
0.90
Effective Output
Capacitance
C
OSS(EFF)(HD)
TFS7701
T
J = 25 °C, VGS = 0 V
V
DS = 0 V to 80% VDSS(HD)
55
pF
TFS7702
55
TFS7703
82
TFS7704
82
TFS7705
110
TFS7706
110
TFS7707
165
TFS7708
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com