Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  7708 Datasheet HTML 1Page - Power Integrations, Inc. 7708 Datasheet HTML 2Page - Power Integrations, Inc. 7708 Datasheet HTML 3Page - Power Integrations, Inc. 7708 Datasheet HTML 4Page - Power Integrations, Inc. 7708 Datasheet HTML 5Page - Power Integrations, Inc. 7708 Datasheet HTML 6Page - Power Integrations, Inc. 7708 Datasheet HTML 7Page - Power Integrations, Inc. 7708 Datasheet HTML 8Page - Power Integrations, Inc. 7708 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Rev. B 04/15
5
TFS7701-7708
www.power.com
Pin Functional Description
MAIN DRAIN (D) Pin
Drain of the low-side MOSFET transistor forward converter.
STANDBY DRAIN (DSB) Pin
Drain of the MOSFET of standby power supply.
GROUND (G) Pin
This pin gives a signal current path to the substrate of the
low-side controller. This pin is provided to allow a separate
Kelvin connection to the substrate of the low-side controller to
eliminate inductive voltages that might be developed by high
switching currents in the SOURCE pin. The GROUND pin is
not intended to carry high currents, it is intended as a voltage-
reference connection only.
SOURCE (S) Pin
SOURCE pin that is common to both the standby and main
supplies.
RESET (R) Pin
This pin provides information to limit the maximum duty cycle as a
function of the current fed into the LINE-SENSE and RESET pins
to prevent cycle-by-cycle saturation of main transformer. This pin
can also be pulled up to bypass to signal remote-on/off of the
main converter only.
ENABLE (EN) Pin
This is the ENABLE and CURRENT LIMIT SELECTION pin for
the standby controller. Prior to start-up the resistor value
connected from ENABLE to BYPASS, is detected to select one
of several internal standby current limit values.
LINE-SENSE (L) Pin
This pin provides input bulk voltage line-sense function. This
information is used by the undervoltage and overvoltage
detection circuits for both main and standby. The pin can also
be pulled up to BYPASS or be pulled down to SOURCE to
implement a remote-on/off of both standby and main supplies
simultaneously. The LINE-SENSE pin works in conjunction with
the RESET pin to implement a duty cycle limit function. The
LINE-SENSE pin compensates the value of standby current
limit so as to flatten the output overload power characteristic as
a function of input voltage.
FEEDBACK (FB) Pin
This pin provides feedback for the main two transistor forward
converter. An increase in sink current from the FEEDBACK pin to
ground, reduces the operating duty cycle. This pin also selects
the main device current limit at start-up (in a similar manner to
ENABLE pin).
BYPASS (BP) Pin
This is the decoupled operating voltage pin for the low-side
controller. At start-up the capacitor connected to this pin is
charged from an internal current source. During normal operation
the capacitor voltage is maintained by drawing current from the
low-side bias winding on the standby power supply. This pin is
also used to implement remote-on/off for the main controller.
This is done by driving extra current into the BYPASS pin when
we want to turn-on the main controller. The BYPASS pin also
implements a latch-off function to disable standby and main
when the BYPASS pin current exceeds a threshold. The latch is
reset when LINE-SENSE pin falls below UV (off) standby
threshold. The BYPASS pin capacitor value selects for either
66 kHz (1
mF) or 132 kHz (10 mF) main switching frequency.
HIGH-SIDE OPERATING VOLTAGE (VDDH) Pin
This is the high-side bias (VDD) of approximately 11.5 V. This
voltage is maintained with current from an internal high-voltage
current source and/or from a bootstrap diode from the low-side
standby bias supply.
HIGH-SIDE SOURCE (HS) Pin
SOURCE pin of the high-side MOSFET.
HIGH-SIDE DRAIN (HD) Pin
DRAIN pin of the high-side MOSFET. This MOSFET is floating
with respect to low-side source and ground.
Figure 2.
Pin Configuration.
PI-6774-030713
16
14
13
10 11
9
1
3
5 6 7 8
H Package (eSIP-16F)
Exposed Pad
(Backside) Internally
Connected to SOURCE
Pin (see eSIP-16F
Package Drawing)
Exposed Metal
(On Edge)
Internally
Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com