Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 33 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 33 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 29Page - Power Integrations, Inc. 7708 Datasheet HTML 30Page - Power Integrations, Inc. 7708 Datasheet HTML 31Page - Power Integrations, Inc. 7708 Datasheet HTML 32Page - Power Integrations, Inc. 7708 Datasheet HTML 33Page - Power Integrations, Inc. 7708 Datasheet HTML 34Page - Power Integrations, Inc. 7708 Datasheet HTML 35Page - Power Integrations, Inc. 7708 Datasheet HTML 36Page - Power Integrations, Inc. 7708 Datasheet HTML 37Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Rev. B 04/15
33
TFS7701-7708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
General Circuit Protection (cont.)
Current Limit
Delay (Standby)
t
ILD(DSB)
T
J = 25 °C
150
ns
Thermal Shutdown
Temperature
T
SD
See Note D
118
°C
Thermal Shutdown
Hysteresis
T
SD(HYST)
55
°C
Auto-Restart ON-Time
at f
OSC Standby
t
AR
T
J = 25 °C
64
ms
Auto-Restart Duty
Cycle Standby
DC
AR
T
J = 25 °C
2.2
%
Supply Current
DRAIN Supply Current
I
S1
EN Current > I
DIS
(No MOSFETs Switching)
200
550
800
mA
I
S2
EN Open (Standby MOSFET
Switching at f
OSC)
360
710
960
NOTES:
A. V
DDH(SHUNT) minus VDDH(UV_ON) is equal to 250 mV minimum.
B. Level 1 R
FB = open, Level 2 RFB = 511 kW, Level 3 RFB = 232 kW.
C. Level 1 R
EN = open, Level 2 REN = 511 kW, Level 3 REN = 232 kW, Level 4 REN = 107 kW.
D. Guaranteed by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com