Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 25Page - Power Integrations, Inc. 7708 Datasheet HTML 26Page - Power Integrations, Inc. 7708 Datasheet HTML 27Page - Power Integrations, Inc. 7708 Datasheet HTML 28Page - Power Integrations, Inc. 7708 Datasheet HTML 29Page - Power Integrations, Inc. 7708 Datasheet HTML 30Page - Power Integrations, Inc. 7708 Datasheet HTML 31Page - Power Integrations, Inc. 7708 Datasheet HTML 32Page - Power Integrations, Inc. 7708 Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Rev. B 04/15
29
TFS7701-7708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit Programming
FEEDBACK Pin
Current Limit
Detection Range #1
I
LIM(1)(MA)
Start-up
See Note B
0-5
mA
FEEDBACK Pin
Current Limit
Detection Range #2
I
LIM(2)(MA)
Start-up
See Note B
5-12
mA
FEEDBACK Pin
Current Limit
Detection Range #3
I
LIM(3)(MA)
Start-up
See Note B
12-24
mA
Maximum Current Limit
Current Limit
I
LIM(1)(MA)
TFS7701
T
J = 25 °C
F
S = 66 kHz
di/dt = 175 mA/
ms
1.19
A
I
LIM(2)(MA)
di/dt = 224 mA/
ms
1.53
I
LIM(3)(MA)
di/dt = 249 mA/
ms
1.58
1.70
1.82
I
LIM(1)(MA)
TFS7702
T
J = 25 °C
F
S = 66 kHz
di/dt = 267 mA/
ms
1.82
I
LIM(2)(MA)
di/dt = 343 mA/
ms
2.34
I
LIM(3)(MA)
di/dt = 381 mA/
ms
2.40
2.60
2.78
I
LIM(1)(MA)
TFS7703
T
J = 25 °C
F
S = 66 kHz
di/dt = 333 mA/
ms
2.26
I
LIM(2)(MA)
di/dt = 428 mA/
ms
2.91
I
LIM(3)(MA)
di/dt = 475 mA/
ms
2.99
3.24
3.46
I
LIM(1)(MA)
TFS7704
T
J = 25 °C
F
S = 66 kHz
di/dt = 370 mA/
ms
2.52
I
LIM(2)(MA)
di/dt = 475 mA/
ms
3.24
I
LIM(3)(MA)
di/dt = 528 mA/
ms
3.33
3.60
3.85
I
LIM(1)(MA)
TFS7705
T
J = 25 °C
F
S = 66 kHz
di/dt = 409 mA/
ms
2.78
I
LIM(2)(MA)
di/dt = 525 mA/
ms
3.58
I
LIM(3)(MA)
di/dt = 584 mA/
ms
3.68
3.98
4.26
I
LIM(1)(MA)
TFS7706
T
J = 25 °C
F
S = 66 kHz
di/dt = 448 mA/
ms
3.05
I
LIM(2)(MA)
di/dt = 576 mA/
ms
3.92
I
LIM(3)(MA)
di/dt = 639 mA/
ms
4.03
4.36
4.66
I
LIM(1)(MA)
TFS7707
T
J = 25 °C
F
S = 66 kHz
di/dt = 482 mA/
ms
3.28
I
LIM(2)(MA)
di/dt = 619 mA/
ms
4.22
I
LIM(3)(MA)
di/dt = 688 mA/
ms
4.33
4.69
5.01
I
LIM(1)(MA)
TFS7708
T
J = 25 °C
F
S = 66 kHz
di/dt = 509 mA/
ms
3.47
I
LIM(2)(MA)
di/dt = 655 mA/
ms
4.46
I
LIM(3)(MA)
di/dt = 727 mA/
ms
4.58
4.96
5.30
Low-Side Main MOSFET
ON-State
Resistance
R
DS(ON)
TFS7701
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
4.3
4.95
W
T
J = 100 °C
6.5
7.48
TFS7702
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
2.7
3.10
T
J = 100 °C
4.1
4.70
TFS7703
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
2.0
2.30
T
J = 100 °C
3.0
3.45
TFS7704
I
D = 10% ILIM(3)(MA)
T
J = 25 °C
1.55
1.78
T
J = 100 °C
2.35
2.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com