Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 17Page - Power Integrations, Inc. 7708 Datasheet HTML 18Page - Power Integrations, Inc. 7708 Datasheet HTML 19Page - Power Integrations, Inc. 7708 Datasheet HTML 20Page - Power Integrations, Inc. 7708 Datasheet HTML 21Page - Power Integrations, Inc. 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. 7708 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Rev. B 04/15
21
TFS7701-7708
www.power.com
Figure 24. LINE-SENSE and RESET Pin Resistor Layout. The 2 Resistors Connected to LINSE-SENSE and RESET Pins Should be SMD, and the GROUND and BYPASS
Pin Traces Provide Faraday Shielding Against the HIGH-SIDE SOURCE and MAIN-DRAIN Pin Traces. The Bypass Capacitor is Through-Hole Type so that the
Traces Connecting to the Pins can be Very Short.
Figure 25. Layout Around ENABLE and FEEDBACK Pin. Use Quiet Traces as Faraday Shields from Noisy Traces, Especially if the Traces to the Optocouplers are Long.
Transformer Secondary and Output Diodes
Flyback Layout
The diode and output capacitor should be mounted close to the
secondary winding and routed with short traces. The standby
PI-7012-052113
GROUND
Pin
RESET
Pin
LINE-SENSE
Pin
BYPASS
Pin
LINE-SENSE AND
RESET Pin Resistors
(SMD)
High-Side Source
Trace (Noisy)
GROUND Pin
Trace Acting
as Shield
MAIN DRAIN
Pin (Noisy)
Bypass
Capacitor
BYPASS Pin
Trace Acting
as Shield
PI-7022-052113
DSB
(Noisy)
Ground
(Shield)
ENABLE
Pin
High-Side
Drain (Quiet)
VAUX
(Quiet)
VDDH Parts
(Noisy)
Bootsrap Diode
Placed Near VDDH
High-Side
Source (Noisy)
FEEDBACK
Pin
primary bias (V
AUX ) capacitor and diode should be mounted
close to the winding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com