Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. 7708 Datasheet HTML 25Page - Power Integrations, Inc. 7708 Datasheet HTML 26Page - Power Integrations, Inc. 7708 Datasheet HTML 27Page - Power Integrations, Inc. 7708 Datasheet HTML 28Page - Power Integrations, Inc. 7708 Datasheet HTML 29Page - Power Integrations, Inc. 7708 Datasheet HTML 30Page - Power Integrations, Inc. 7708 Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Rev. B 04/15
27
TFS7701-7708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Switching Frequency
– PC Main
f
S1(MA)
T
J = 25 °C
Average
62
66
70
kHz
Peak-to-Peak Jitter
4
f
S2(MA)
T
J = 25 °C
Average
124
132
140
Peak-to-Peak Jitter
8
Frequency Jitter
Modulation Rate
f
M1(MA)
250
Hz
f
M2(MA)
250
Remote-ON Main
BYPASS Pin
Remote-ON Current
I
BP(ON)
V
EN = Open
4.3
5.3
6.3
mA
BYPASS Pin
Remote-OFF
Current Hysteresis
I
BP(HYST)
66 kHz
TFS7701
3.8
mA
TFS7702
3.7
TFS7703
3.6
TFS7704
3.6
TFS7705
3.5
TFS7706
3.4
TFS7707
3.4
TFS7708
3.4
I
BP(HYST)
132 kHz
TFS7701
3.6
TFS7702
3.5
TFS7703
3.3
TFS7704
3.2
TFS7705
3.1
TFS7706
2.9
TFS7707
2.8
TFS7708
2.7
Absolute Maximum Ratings(1,5)
DRAIN Voltage High-Side MOSFET .......................-0.3 V to 530 V
DRAIN Voltage Low-Side MOSFET .................... -0.3 V to 725 V
DRAIN Peak Current Low-Side
and High-Side: TFS7701..........................................2.6 (5.0)(4) A
TFS7702..........................................4.2 (8.0)(4) A
TFS7703..........................................5.0 (9.3)(4) A
TFS7704........................................ 5.7 (10.7)(4) A
TFS7705.........................................6.1 (11.4)(4) A
TFS7706.........................................6.4 (12.1)(4) A
TFS7707........................................ 7.2 (13.4)(4) A
TFS7708........................................ 8.3 (15.5)(4) A
DRAIN Voltage Standby MOSFET...................... -0.3 V to 725 V
DRAIN Peak Current Standby MOSFET............... 1.20 (2.25)(4) A
ENABLE (EN) Pin Voltage ......................................... -0.3 V to 9 V
ENABLE (EN) Pin Current ............................................. 100 mA
FEEDBACK (FB) Pin Voltage .................................. -0.3 V to 9 V
FEEDBACK (FB) Current .............................................. 100 mA
LINE-SENSE (L) Pin Voltage .........................................-0.3 V to 9 V
LINE-SENS (L) Pin Current ........................................... 100 mA
RESET (R) Pin Voltage ........................................... -0.3 V to 9 V
RESET (R) Pin Current ....................................................... 100 mA
BYPASS Supply (BP) Pin Voltage ............................. -0.3 V to 9 V
BYPASS Supply (BP) Pin Current ...................................... 100 mA
HIGHT-SIDE (VDDH) Supply Pin Voltage .......... -0.3 V to 13.4 V
HIGH-SIDE (VDDH) Supply Pin Current .......................... 50 mA
Storage Temperature ............................................ -65
°C to 150 °C
Operating Junction Temperature(2)................... -40
°C to 150 °C
Lead Temperature(3) ................................................................. 260
°C
Notes:
1. All voltages referenced to SOURCE, T
J = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. (1.59 mm) from case for 5 seconds.
4. The higher peak DRAIN current is allowed while the DRAIN
voltage is simultaneously less than 400 V.
5. Maximum ratings specified may be applied one at a time,
without causing permanent damage to the product.
Exposure to Absolute Rating conditions for extended periods
of time may affect product reliability.
Thermal Resistance
High-Side MOSFET (
q
JC) TFS7701-7706 .........................5 °C/W
TFS7707-7708 .........................4
°C/W
Low-Side MOSFET (
q
JC) ................................................1 °C/W
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com