Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 8Page - Power Integrations, Inc. 7708 Datasheet HTML 9Page - Power Integrations, Inc. 7708 Datasheet HTML 10Page - Power Integrations, Inc. 7708 Datasheet HTML 11Page - Power Integrations, Inc. 7708 Datasheet HTML 12Page - Power Integrations, Inc. 7708 Datasheet HTML 13Page - Power Integrations, Inc. 7708 Datasheet HTML 14Page - Power Integrations, Inc. 7708 Datasheet HTML 15Page - Power Integrations, Inc. 7708 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Rev. B 04/15
12
TFS7701-7708
www.power.com
The current limit selection for both FEEDBACK pin and ENABLE
pin takes place when the BYPASS pin first reaches 4.7 V. Once
the short detection period is complete, the BYPASS pin is
ramped on up to 5.7 V, and the FEEDBACK pin is allowed to
float to it’s nominal voltage of 3.5 V.
Standby Line Compensated Current Limit
to Flatten Output Overload Power
For many power supplies, the power output capability of the
power supply increases dramatically as the input voltage
increases. This means that most power supplies are able to
deliver much more power (up to 30-40% more power), into a
fault overload when operating at higher input voltage (versus
operating at lower input voltage). This can cause a problem
since many specifications require that the output overload
power capability of the device is more tightly managed.
In the case of the HiperTFS-2, the standby current limit is
adjusted as a function of line (input voltage), in such a ways as
to always provide substantially the same maximum overload
power capability. The input voltage is detected via the LINE-
SENSE pin current and the internal standby current limit of the
device is adjusted accordingly on a cycle-by-cycle basis. This
means that the HiperTFS-2 standby will only deliver approximately
5% more overload power at high-line as it did at low-line. This
feature provides a much safer design.
Standby Line Undervoltage Detection (UV)
The LINE-SENSE pin resistor is connected to V
IN and generates
a current signal proportional to V
IN. The LINE-SENSE pin
voltage is held by the device at 1.2 V. The LINE-SENSE pin
current signal is used to trigger under/overvoltage thresholds for
both the standby and main converters. Assuming a LINE-SENSE
pin resistor of 4 M
W, the standby will begin operating at
approximately 100 V (as defined by I
L(SB_UVON)). The standby will
shutdown if regulation is lost when input voltage is below 100 V.
However the standby will be forced to shutdown if this input
voltage drops below approximately 40 V (as defined by I
L(SB-UVOFF)).
Main and Standby Oscillator and Switching Frequency
The standby converter operates at a frequency of 132 kHz.
When in 66 kHz mode, main converter operates at exactly half
that frequency. The two converters both include a common
frequency jitter profile that varies the switching frequency ±4
kHz for the main (twice the jitter frequency range ±8 kHz for the
standby), during a 4 ms jitter period. The frequency jitter helps
reduce quasi-peak and average EMI emissions.
The HiperTFS-2 main switch frequency is selected at start-up
for 66 kHz or 132 kHz based on the value of the BYPASS pin
capacitor
It should be noted that when the HiperTFS-2 is running at 66 kHz
there is a collision avoidance scheme in which the main
converter is the master and the standby is the slave, which
avoids the main and standby switching at exactly simultaneous
moments. The most common condition would be close to 50%
duty cycle, if the main (master) is about to switch (turn-off), then
the standby (slave), waits for short instant (200 ns) before
starting it’s next cycle. The standby is used as the slave, since
the ON/OFF control of the HiperTFS-2 standby is less easily
disrupted by sudden delays in switching, versus the linear
control loop of the main converter. This collision avoidance is
not required when both standby and main run at 132 kHz.
Standby and Main Thermal Shutdown
The HiperTFS-2 provides a thermal shutdown function, (OTP)
that protects the HiperTFS-2. This hysteretic thermal shutdown
allows the device to automatically recover from any thermal fault
event. The thermal shutdown is triggered at a die-temperature
of approximately 118 °C and has a high hysteresis to ensure the
average device temperature is within safe levels. In a well
designed system the HiperTFS-2 thermal shutdown is not
triggered during any normal operation and is only present as a
safety feature to protect against abnormal or fault conditions.
BYPASS (BP) Pin Operation
The BYPASS (BP) pin is the supply pin for the entire HiperTFS-2
device. The BYPASS pin is internally connected to a high-voltage
current source via the STANDBY DRAIN power MOSFET. This
high-voltage source will charge the BYPASS pin to 4.7 V during
initial power-up. Once the BYPASS pin reaches 4.7 V, the
BYPASS pin will check the main and standby current limit
selection (FEEDBACK pin and ENABLE pin resistors respectively).
This selection takes a very short period, thereafter the BYPASS
pin continues being charged until it reaches 5.7 V. During this
change the value of the BYPASS pin capacitor is determined.
The value selects for main switching frequency of (1
mF = 66 kHz)
and 10
mF = 132 kHz) on completion of frequency selection, the
standby power supply is ready to begin operation. Like the
TinySwitch-4 the high-voltage current source will continue to
charge the BYPASS pin if it drops below 5.7 V. However in
most typical applications, a resistor (typically 7.5 k
W) is
connected from primary bias (12 V) to the BYPASS pin. This
resistor provides the operating current to the BYPASS pin,
preventing the need to draw power from the high-voltage
current source. Like the TinySwitch, the BYPASS pin contains a
Figure 12. Shows Output Overload Power for Compensated (TFS-2) Standby
and General Uncompensated Standby.
50
100
150
200
250
300
400
450
350
VIN DC (V)
150
140
130
120
100
110
90
80
Not Compensated
Compensated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com