Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 33Page - Power Integrations, Inc. 7708 Datasheet HTML 34Page - Power Integrations, Inc. 7708 Datasheet HTML 35Page - Power Integrations, Inc. 7708 Datasheet HTML 36Page - Power Integrations, Inc. 7708 Datasheet HTML 37Page - Power Integrations, Inc. 7708 Datasheet HTML 38Page - Power Integrations, Inc. 7708 Datasheet HTML 39Page - Power Integrations, Inc. 7708 Datasheet HTML 40Page - Power Integrations, Inc. 7708 Datasheet HTML 41Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Rev. B 04/15
37
TFS7701-7708
www.power.com
Typical Performance Characteristics (cont.)
Figure 50. Main Drain Capacitance vs. Drain Voltage.
Figure 51. Standby Drain Switching Power vs. Drain Voltage.
Figure 52. Main Drain Switching Power vs. Drain Voltage.
Figure 53. High-Side MOSFET (HD-HS) Drain Current vs.
Drain Voltage.
Figure 54. High-Side MOSFET (HD-HS) Drain Current vs.
Drain Voltage.
Figure 55. High-Side MOSFET Breakdown Voltage vs. Temperature.
1.1
1.0
0.9
-50 -25
0
25
50 75 100 125 150
Temperature (
°C)
0
100
200
300
400
500
600
10
100
1000
10000
MAIN DRAIN (D) Pin Voltage (V)
TFS7701 0.34
TFS7702 0.56
TFS7703 0.76
TFS7704 0.96
TFS7705 1.16
TFS7706 1.37
TFS7707 1.57
TFS7708 1.77
Scaling Factors:
100
75
25
50
0
0
200
100
400
500
600
300
STANDBY DRAIN (DSB) Pin Voltage (V)
500
400
200
100
300
0
0
200
100
400 500 600
300
700
MAIN DRAIN (D) Pin Voltage (V)
TFS7701 0.34
TFS7702 0.56
TFS7703 0.76
TFS7704 0.96
TFS7705 1.16
TFS7706 1.37
TFS7708 1.57
TFS7709 1.77
Scaling Factors:
20
0
0
1
2
3
4
5
6
7
HD-HS Voltage (V)
5
15
10
25 °C
100 °C
T
J = 25 °C
T
J = 100 °C
TFS7701 0.17
TFS7702 0.17
TFS7703 0.25
TFS7704 0.25
TFS7705 0.33
TFS7706 0.33
TFS7708 0.42
TFS7709 0.42
Scaling Factors:
0
100
200
300
400
100
1000
TFS7701 0.17
TFS7702 0.17
TFS7703 0.25
TFS7704 0.25
TFS7705 0.33
TFS7706 0.33
TFS7708 0.42
TFS7709 0.42
Scaling Factors:
HD-HS Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com