Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 18Page - Power Integrations, Inc. 7708 Datasheet HTML 19Page - Power Integrations, Inc. 7708 Datasheet HTML 20Page - Power Integrations, Inc. 7708 Datasheet HTML 21Page - Power Integrations, Inc. 7708 Datasheet HTML 22Page - Power Integrations, Inc. 7708 Datasheet HTML 23Page - Power Integrations, Inc. 7708 Datasheet HTML 24Page - Power Integrations, Inc. 7708 Datasheet HTML 25Page - Power Integrations, Inc. 7708 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Rev. B 04/15
22
TFS7701-7708
www.power.com
PI-7016-052913
Transformer Secondary Pins
High-Current
Loop Area
Output Diodes
Figure 26. Layout of Forward Transformer Secondary and Output Diodes. The
Diodes and Secondary Pins Should be Mounted Close Together, to
Minimize the Loop Area They Form.
400
200
0
2.8
µs
Figure 27. Drain Voltage at Zero Load, to Measure Magnetizing Resonant
Frequency. In the Above Example, the Cursors Were Set to Measure
a Half-Cycle. The Resonant Frequency calculates as
f
O = 1/(2.8 ms × 2) = 177 kHz.
Figure 29. Low-Line Operation (Just Above Main UV-OFF Threshold), with Load in
Borderline Continuous Mode. The Output will be out of Regulation.
This is the Condition to test for Complete Core Reset. The Soft Corner
in the (HS) Voltage at Turn-On Signifies Reversal of Magnetizing
Current and thus Complete Core Reset. The Sharp Corner in the
Drain (D) Waveform Signifies Hard-Reverse Recovery in the Drain
(Standard-Recovery) Clamp Rectifier. This is Acceptable for Transient
Conditions (e.g., Hold-Up Time)
200
0
400
600
1.5
1
0
0.5
Drain
Current
Snubber
Clamp
Voltage
Turn-Off
Edge
Turn-On
Edge
High-Side
Main Drain High-Side
VCOSS
VBULK
Shelf
Figure 28. Typical Full Load Waveforms of the Main Drian. High-Side MOSFET
Source, and Drain Current.
Main Converter Typical Waveforms
Main Transformer Primary Inductance and
Resonant Frequency
At zero load, check the resonant frequency visible in the Drain
voltage. This is the resonant frequency between the primary
inductance and the total capacitance reflected to the primary
(MOSFETs, transformer self-capacitance, output diode
capacitances). See Figure 27. A low resonant frequency can
prevent proper core reset at low-line and continuous-mode light
load, and can lead to core staircase saturation. See Figure 29.
Too much primary inductance causes the Drain rise time to be
very slow, eroding core reset volt-seconds. If the measured
resonant frequency is below 120 kHz (for 132 kHz operation), or
below 60 kHz (for 66 kHz operation), reduce transformer
primary inductance by increasing core gap. This initial test is a
rule of thumb. The final test is to check for complete core reset
at very low input voltage (just above the main UVLO threshold),
at a light load that is just above borderline continuous operation.
Reducing primary inductance below the value necessary for
complete core reset, will reduce efficiency.
Full Load
Figure 16 shows the typical full-load waveform. Check high-
side V
COSS at turn-on. It is typically below 40% of the input
voltage. If it is greater, ensure that the low-side MOSFET clamp
diode is a standard-recovery (slow) rectifier (1N4007) and the
high-side MOSFET clamp diode (to ground) is an ultrafast type
(e.g., UF4005). Reducing the primary inductance by 20-30%
will also decrease this voltage, and in some cases may improve
full load efficiency.
Flyback Standby Converter
The data sheet standby max power rating represents the
minimum practical continuous output power level that can be
obtained under the following assumed conditions:
1. The minimum DC input voltage is 115 V.
200
2
µs/div
0
400
600
0.4
0
0.2
Soft Corner in (HS) Voltage,
Flux goes Negative, no
Risk of Saturation
Drain (D) Clamp Diode
Large Reverse
Recovery Current
Sharp Corner (D) Voltage
at Turn-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com