Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7708 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # 7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

7708 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button 7708 Datasheet HTML 4Page - Power Integrations, Inc. 7708 Datasheet HTML 5Page - Power Integrations, Inc. 7708 Datasheet HTML 6Page - Power Integrations, Inc. 7708 Datasheet HTML 7Page - Power Integrations, Inc. 7708 Datasheet HTML 8Page - Power Integrations, Inc. 7708 Datasheet HTML 9Page - Power Integrations, Inc. 7708 Datasheet HTML 10Page - Power Integrations, Inc. 7708 Datasheet HTML 11Page - Power Integrations, Inc. 7708 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Rev. B 04/15
8
TFS7701-7708
www.power.com
Functional Description
The HiperTFS-2 contains two switch-mode power supply
controllers and associated low-side MOSFET’s along with
high-side driver and high-side MOSFET.
•
The HiperTFS-2 two-switch forward includes a controller along
with low-side power MOSFET, high-side power MOSFET,
high-side driver and selectable main switching frequency
(synchronous with standby) of 66/132 kHz. The main converter
operates in voltage-mode (linear duty cycle control) at fixed
frequency (exactly half the operating frequency of the standby
controller when is 66 kHz mode). The control converts a
current input (FEEDBACK pin), to a duty cycle at the open
drain MOSFET MAIN DRAIN pin decreasing duty cycle with
increasing sourced current from the FEEDBACK pin.
•
The HiperTFS-2 fixed frequency (132 kHz) standby flyback
includes a controller and power MOSFET which is based on
TinySwitch-4. This device operates in multi-level ON/OFF
current limit control mode. The open drain MOSFET (STAND-
BY DRAIN pin) is turned on when the sourced current from the
ENABLE pin is below the threshold and switching is disabled
when the ENABLE pin current is above the threshold.
In addition to the basic features, such as the high-voltage
start-up, the cycle-by-cycle current limiting, loop compensation
circuitry, auto-restart and thermal shutdown, the HiperTFS-2
main controller incorporates many additional functions that
reduce system cost, increase power supply performance and
design flexibility.
Main Converter General Introduction
The main converter for the HiperTFS-2, is a two-switch forward
converter (although the HiperTFS-2 could be used with other
two-switch topologies). This topology involves a low-side and
high-side power MOSFET, both of which are switched at the
same time. In the case of the HiperTFS-2, the low-side
MOSFET is a 725 V MOSFET (with the substrate connected to
the SOURCE pin). The high-side MOSFET is a 530 V MOSFET
(with the substrate connected to the HIGH-SIDE DRAIN (HD)
pin). As such the substrate of both low-side and high-side
MOSFET’s are tied to quiet circuit nodes (0 V and V
IN
respectively), meaning that both MOSFETs have electrically
quiet substrates – good for EMI.
The low-side MOSFET has a very low C
OSS capacitance and
thus can be hard-switched without performance penalty. Due
to the external clamp configuration it is possible to substantially
soft-switch the high-side MOSFET at high-loads (thus eliminating
a large proportion of high-side capacitive switching loss) and
improving efficiency. The higher breakdown voltage on the
low-side MOSFET allows the transformer reset voltage to
exceed the input voltage, and thus allow operation at duty
cycles greater than 50%. Higher duty cycle operation leads to
lower RMS switch currents and also lower output diode
voltage-rating, both of which contribute to improved efficiency.
The HiperTFS-2 also contains a high-side driver to control the
high-side MOSFET. This external bootstrap diode (or internally
self-biased) high-side driver eliminates the need for a gate-
driver transformer, an expensive component that is required for
many other two-switch forward circuits.
Main Start-Up Operation
Once the flyback (standby) converter is up and running, the
main converter can be enabled by two functions. The first
condition is that the BYPASS pin remote-on current must
exceed the remote-on threshold (I
BP(ON)), provided by an external
remote-on/off circuit. This current threshold has a hysteresis to
prevent noise interference. Once the BYPASS remote-on has
been achieved, the HiperTFS-2 also requires that the LINE-
SENSE pin current exceeds the UV main-on (I
L(MA-UVON)), which
corresponds to approximately 336 VDC input voltage when
using a 4 M
W LINE-SENSE pin resistor. Once this LINE-SENSE
pin threshold has been achieved the HiperTFS-2 will enter a 60 ms
pre-charge period (t
D(CH)) to allow the PFC-boost stage to reach
Figure 5.
Switching Frequency Jitter (Idealized V
DRAIN Waveforms).
f
OSC -
4 ms
Time
Switching
Frequency
VDRAIN
f
OSC +
Figure 6.
Supply Start-Up Sequence by Remote-On.
VIN
Standby
Output
Main
Output
60 ms
385 V
Main
Primary
Current
Remote ON
t
t
t
t
t
PI-6775-022113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com