Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 117 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 117 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 113Page - Microchip Technology KSZ9563RNXC Datasheet HTML 114Page - Microchip Technology KSZ9563RNXC Datasheet HTML 115Page - Microchip Technology KSZ9563RNXC Datasheet HTML 116Page - Microchip Technology KSZ9563RNXC Datasheet HTML 117Page - Microchip Technology KSZ9563RNXC Datasheet HTML 118Page - Microchip Technology KSZ9563RNXC Datasheet HTML 119Page - Microchip Technology KSZ9563RNXC Datasheet HTML 120Page - Microchip Technology KSZ9563RNXC Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 117
KSZ9563R
5.1.6.21
Trigger Output Unit Control 2 Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
22:20
Trigger Event Output Signal Pattern (TRIGGER_PATTERN)
To select a trigger event output when TRIG_EN=1 and the trigger target time
has reached the system time:
000 = Generates negative edge (from default “H” -> “L” and stays “L”)
001 = Generates positive edge (from default “L” -> “H” and stays “H”)
010 = Generates negative pulse (from default “H” -> “L” pulse -> “H” and stays
“H”). The pulse width is defined in the Trigger Output Unit Control 2 Register.
011 = Generates positive pulse (from default “L” -> “H” pulse -> “L” and stays
“L”). The pulse width is defined in the Trigger Output Unit Control 2 Register.
100 = Generates negative periodic signal. The “L” pulse width is defined in the
Trigger Output Unit Control 2 Register, the cycle width is defined in the Trigger
Output Unit Control 3 Register and Trigger Output Unit Control 4 Register,
and the number of cycles is defined in the Trigger Output Unit Control 5 Reg-
ister (it is an infinite number if the number of cycles is zero).
101 = Generates positive periodic signal. The “H” pulse width is defined in the
Trigger Output Unit Control 2 Register, the cycle width is defined in the Trigger
Output Unit Control 3 Register and Trigger Output Unit Control 4 Register,
and the number of cycles is defined in the Trigger Output Unit Control 5 Reg-
ister (it is an infinite number if the number of cycles is zero).
110 = Generates output signal from the 16-bit pattern in the Trigger Output
Unit Control 3 Register, which is shifted MSB fist and looped. Each bit width is
defined in the Trigger Output Unit Control 3 Register and Trigger Output Unit
Control 4 Register and the total number of bits to shift out is defined in the
Trigger Output Unit Control 5 Register (it is infinite if this register value is
zero).
111 = RESERVED.
Note:
The maximum output clock frequency is up to 12.5MHz.
R/W
000b
19:17
RESERVED
RO
000b
16
Trigger GPIO
Selects one of the GPIO pins to serve this trigger output unit. The trigger out-
put signals are OR’ed together to form a combined signal if multiple trigger
output units are set to the same GPIO output pin.
1 = GPIO_2
0 = GPIO_1
R/W
0b
15:0
Trigger Output Iteration Count (TRIGGER_PATTERN_ITERATION)
Defines the iteration count number to output the 16-bit trigger pattern defined
in the Trigger Output Unit Control 3 Register in cascade mode at tail unit. For
example, 0x0000 is 1 count and 0x000F is 16 counts. It is infinite if there is no
tail unit in cascade mode.
R/W
0x0000
Address:
0x053C - 0x053F
Size:
32 bits
Bits
Description
Type
Default
31:0
Trigger Output Cycle Width or Bit Width (TRIGGER_CYCLE_WIDTH)
Defines the cycle width for generating periodic signals. Each unit value equals
1ns. For example, the cycle width is 80ns if this register value is 80 (0x50).
R/W
0x00000000
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com