Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 118 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 118 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 114Page - Microchip Technology KSZ9563RNXC Datasheet HTML 115Page - Microchip Technology KSZ9563RNXC Datasheet HTML 116Page - Microchip Technology KSZ9563RNXC Datasheet HTML 117Page - Microchip Technology KSZ9563RNXC Datasheet HTML 118Page - Microchip Technology KSZ9563RNXC Datasheet HTML 119Page - Microchip Technology KSZ9563RNXC Datasheet HTML 120Page - Microchip Technology KSZ9563RNXC Datasheet HTML 121Page - Microchip Technology KSZ9563RNXC Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 226 page
background image
KSZ9563R
DS00002419D-page 118
 2017-2018 Microchip Technology Inc.
5.1.6.22
Trigger Output Unit Control 3 Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
5.1.6.23
Trigger Output Unit Control 4 Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
5.1.6.24
Trigger Output Unit Control 5 Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
This register contains the PTP event trigger output PPS signal pulse width for unit 2 and path delay compensation for
unit 1.
Address:
0x0540 - 0x0543
Size:
32 bits
Bits
Description
Type
Default
31:16
Trigger Output Cycle or Bit Count (TRIGGER_CYCLE)
Defines the number of output cycles for generating periodic signals. It is
infinite if this field is zero.
R/W
0x0000
15:0
Trigger Output Bit Pattern (TRIGGER_BIT_PATTERN)
Defines the output bit pattern for generating output signals.
R/W
0x0000
Address:
0x0544 - 0x0547
Size:
32 bits
Bits
Description
Type
Default
31:0
Trigger Output Iteration Cycle Time in Cascade Mode
(CASCADE_INTERATION_CYCLE_TIME)
Defines the iteration cycle time to go through all the trigger output units in
cascade mode. This time will be added to the current trigger target time for
the next trigger time. A unit value equals 1ns. For example, the cycle is
800ns if this field value is 800 (0x320).
R/W
0x00000000
Address:
0x0548 - 0x054B
Size:
32 bits
Bits
Description
Type
Default
31:24
RESERVED
RO
-
23:16
PPS Pulse Width for Event Trigger (PPS_PULSE_WIDTH)
This field is the upper third byte (23:16) in conjunction with the trigger output
pulse width to make this to make this register value for PPS pulse width up to
124ms.
R/W
0x00
15:0
Trigger Output Pulse Width (TRIGGER_PULSE_WIDTH)
Defines the width for generating a pulse or periodic signal. Each unit value
equals 8ns. For example, the pulse width is 80ns if this register value is 10
(0xA).
R/W
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com