Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 119 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 119 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 115Page - Microchip Technology KSZ9563RNXC Datasheet HTML 116Page - Microchip Technology KSZ9563RNXC Datasheet HTML 117Page - Microchip Technology KSZ9563RNXC Datasheet HTML 118Page - Microchip Technology KSZ9563RNXC Datasheet HTML 119Page - Microchip Technology KSZ9563RNXC Datasheet HTML 120Page - Microchip Technology KSZ9563RNXC Datasheet HTML 121Page - Microchip Technology KSZ9563RNXC Datasheet HTML 122Page - Microchip Technology KSZ9563RNXC Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 119
KSZ9563R
5.1.6.25
Timestamp Status and Control Register
This register is indexed by the Timestamp Unit Index Pointer value in bit 8 of the Global PTP Unit Index Register.
Address:
0x0550 - 0x0553
Size:
32 bits
Bits
Description
Type
Default
31:21
RESERVED
RO
0x00
20:17
Number of Detected Event Count for Timestamp Input Unit
(TS_EVENT_DET_CNT)
Reports the number of detected events (either rising or falling edge) count. In
single mode, it can detect up to 15 events at any single unit. The pulse or
edges can be detected up to 25MHz. The pulse width can be measured by the
difference between consecutive timestamps in the same unit.
RO
0000b
16
Number of Detected Event Count Overflow for Timestamp Input Unit
(TS_DET_EVENT_CNT_OVERFLOW)
1 = The detected events (either rising or falling edge) count has overflowed. In
cascade mode, only the tail unit will set this bit when overflow occurs. The
TS_EVENT_DET_CNT field will remain at 15 when overflow has occurred.
0 = The number of events (either rising or falling edge) count has not over-
flowed.
RO
0b
15:8
RESERVED
RO
00000000b
7
Enable Rising Edge Detection (TS_RISING_EDGE_ENB)
1 = Enable rising edge detection
0 = Disable rising edge detection
R/W
0b
6
Enable Falling Edge Detection (TS_FALLING_EDGE_ENB)
1 = Enable falling edge detection
0 = Disable falling edge detection
R/W
0b
5
Tail Unit Indicator for Timestamp Input Unit Event in Cascade Mode
(TS_CASCADE_MODE_TAIL)
1 = This event timestamp input unit is the last unit of the chain in cascade
mode.
0 = This event timestamp input unit is not the last unit of the chain in cascade
mode.
R/W
0b
4:2
RESERVED
RO
00b
1
Select Upstream Timestamp Done Unit in Cascade Mode
(TS_CASCADE_MODE_ENB)
This bit selects the timestamps done input unit in cascade mode.
1 = Timestamp Unit 1
0 = Timestamp Unit 0
In the head unit, this should be set to “0” so that no upstream timestamp unit
will be input to the head unit.
R/W
0b
0
Enable This Event Timestamp Input Unit in Cascade Mode
(TS_CASCADE_MODE_ENB)
1 = Enables this event timestamp input unit in cascade mode.
0 = Disables this event timestamp input unit in cascade mode.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com