Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 189 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 189 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 185Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 186Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 187Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 188Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 189Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 190Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 191Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 192Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 189
KSZ9563R
TABLE 5-4:
VLAN TABLE DATA FIELDS
5.3.4.1
VLAN Table Write Operation
1.
Write to the VLAN Table Entry 0 Register, VLAN Table Entry 1 Register, and VLAN Table Entry 2 Register to set
up the data fields as described in Figure 5-4 and Table 5-4.
2.
Write the VLAN Index value in the VLAN Table Index Register. This is the 12-bit index (address) to select the
table entry. It is equivalent to the VID which indexes the table during lookup.
3.
Write the VLAN Table Access Control Register to specify a write operation, and set START (bit 7). When the oper-
ation is complete, bit 7 will be cleared automatically.
5.3.4.2
VLAN Table Read Operation
1.
Write the VLAN Index value in the VLAN Table Index Register to select one of the 4k table entries.
2.
Write the VLAN Table Access Control Register to specify a read operation and set START (bit 7). When the oper-
ation is complete, bit 7 will be cleared automatically.
3.
Read the VLAN Table Entry 0 Register, VLAN Table Entry 1 Register, and VLAN Table Entry 2 Register to retrieve
the read results from the VLAN table.
5.3.5
ACCESS CONTROL LIST (ACL) TABLE
ACL filtering is implemented individually per-port. The ACL tables are accessed using the Port N: Port Switch ACL Con-
trol Registers (0xN600 - 0xN6FF). The 16 entries in each ACL table are addressed indirectly by an index register.
Table 5-5 shows how the various fields of the ACL Table entries are mapped to data registers. The Port ACL Byte Enable
MSB Register and Port ACL Byte Enable LSB Register make it possible to write or read any combination of bytes. This
is useful for writing the Matching rule, Action rule and Process field separately. There are 16 bits in these byte enable
registers, corresponding to the 16 data registers Port ACL Access 0 Register through Port ACL Access F Register. Note
that the enable bits are applied in reverse order:
Bit 0 for the Port ACL Access F Register
Bit 1 for the Port ACL Access E Register
Bit 14 for the Port ACL Access 1 Register
Bit 15 for the Port ACL Access 0 Register
Also note that the Port ACL Access C Register is not used, so byte enable bit 3 is a don't care.
Field
Size (bits)
Description
VALID
1
When 1, indicates that the table entry is valid.
FORWARD OPTION
1
When 1, forward to VLAN port table (PORT FORWARD field).
When 0, see Table 4-8, "VLAN Forwarding" for details.
PRIORITY
3
Priority value for this VID.
MSTP INDEX
3
Multiple Spanning Tree Protocol index.
FID
7
Filter ID value. It is combined with destination address and hashed to index
the Address Lookup Table.
PORT UNTAG
7
(1 per port)
When 1, untag at that egress port.
When 0, don’t untag.
Note: Port 1 is the LSB, followed by Port 2, and so on. Bits 4-7 are reserved.
PORT FORWARD
7
(1 per port)
VLAN port membership list. There is one bit per port, starting with the LSB
which corresponds to port 1.
A bit value of 1 indicates the associated port is included in the port
membership list for that VID.
When 0, that port is excluded.
Note: Port 1 is the LSB, followed by Port 2, and so on. Bits 4-7 are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com