Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 191 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 191 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 187Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 188Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 189Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 190Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 191Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 192Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 193Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 194Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 191
KSZ9563R
5.3.5.2
ACL Table Write
1.
Write the ACL table entry values to the Port ACL Access 0 Register through Port ACL Access F Register.
2.
Write the Port ACL Byte Enable MSB Register and Port ACL Byte Enable LSB Register to select which registers
(Port ACL Access 0 Register through Port ACL Access F Register) are to be written into the ACL table.
3.
Write to the Port ACL Access Control 0 Register with the table entry number in the ACL Index field, and the Write/
Read bit 4 set to one. This one write to this register initiates the write operation.
4.
The Write Status bit in the Port ACL Access Control 0 Register may be polled to determine when the operation
is complete.
5.3.6
MANAGEMENT INFORMATION BASE (MIB) COUNTERS
There are 36 MIB counters per port. These counters accumulate a variety of statistics on ingress and egress traffic and
events for network management. They are accessed indirectly using the Port MIB Control and Status Register and Port
MIB Data Register. The Switch MIB Control Register provides global flush and freeze control of the MIB counters.
TABLE 5-6:
MIB COUNTERS
MIB
Index
MIB Counter
Size
(bits)
Description
0x00
RxHiPriorityByte
30
RX high priority octet count, including bad packets.
0x01
RxUndersizePkt
30
RX undersize packets with good CRC.
0x02
RxFragments
30
RX fragment packets with bad CRC, symbol errors or alignment errors.
0x03
RxOversize
30
RX oversize packets w/ good CRC (max: 1536 or 1522 bytes).
0x04
RxJabbers
30
RX packets longer than 1522 bytes with either CRC errors, alignment
errors or symbol errors (depends on max packet size setting); or RX
packets longer than 1916 bytes only.
0x05
RxSymbolError
30
RX packets with invalid data symbol; and legal preamble and packet
size.
0x06
RxCRCerror
30
RX packets between 64 and 1522 bytes in size, with an integral number
of bytes and a bad CRC.
(Upper limit depends on max packet size setting.)
0x07
RxAlighmentError
30
RX packets between 64 and 1522 bytes in size, with a non-integral
number of bytes and a bad CRC.
(Upper limit depends on max packet size setting.)
0x08
RxControl8808Pkts
30
MAC control frames received with 0x8808 in the EtherType field.
0x09
RxPausePkts
30
PAUSE frames received. PAUSE is defined as EtherType (0x8808), DA,
control opcode (0x0001), minimum 64 byte data length, and a valid CRC.
0x0A
RxBroadcast
30
RX good broadcast packets. Does not include erred broadcast packets
or valid multicast packets.
0x0B
RXMulticast
30
RX good multicast packets. Does not include MAC control frames, erred
multicast packets, or valid broadcast packets.
0x0C
RxUnicast
30
RX good unicast packets.
0x0D
Rx64Octets
30
RX packets (bad packets included) that are 64 bytes in length.
0x0E
Rx65to127Octets
30
RX packets (bad packets included) that are 65 to 127 bytes in length.
0x0F
Rx128to255Octets
30
RX packets (bad packets included) that are 128 to 255 bytes in length.
0x10
Rx256to511Octets
30
RX packets (bad packets included) that are 256 to 511 bytes in length.
0x11
Rx512to2023Octets
30
RX packets (bad packets included) that are 512 to 1023 bytes in length.
0x12
Rx1024to1522Octets
30
RX packets (bad packets included) that are 1024 to 1522 bytes in length.
0x13
Rx1523to2000Octets
30
RX packets (bad packets included) that are 1523 t0 2000 bytes in length.
0x14
Rx2001+Octets
30
RX packets (bad packets included) that are between 2001 bytes and the
upper limit in length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com