Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 219 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 219 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 215Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 216Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 217Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 218Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 219Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 220Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 221Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 222Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 219
KSZ9563R
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00002419D (06-11-19)
Table 1-1, "General Terms"
Added GPO, IBA, and IBS.
Table 3-2, "Pin Descriptions"
Corrected SDI/SDA/MDIO description to indicate
SDA and MDIO are open-drain signals.
Table 3-3, "Configuration
Strap Descriptions"
Updated LED2_0 description for RGMII operation.
Updated LED2_1 description for clarity.
Section 4.1.5, Pair-Swap,
Alignment, and Polarity
Check
Updated first bullet description.
Section 4.3.3, Back-Off
Algorithm
Updated second sentence “After 16 consecutive
collisions, the packet is dropped.”
Section 4.3.5, Legal Packet
Size
Updated paragraph.
Section 4.3.6, Flow Control
Fixed typo.
Table 4-9, "Hashed(DA) +
FID Lookup in VLAN Mode"
Updated the description for the Yes action.
Section 4.4.3.2.1, Tag Inser-
tion and Removal
Removed sentence “This feature is controlled on a
per port basis.”
Section 4.4.8, Multiple Span-
ning Tree Support
Removed mention of Reserved Multicast Address
Table.
Section 4.4.9, Tail Tagging
Mode
Section redone with additional information.
Table 4-16, "Matching Rule
Options"
For MD[1:0]=01, the ENB[1:0] “01” and “10” defini-
tions swapped.
Table 4-17, "ACL Matching
Rule Parameters for MD =
01"
For ENB[1:0], “01” and “10” definitions swapped.
Section 4.5, IEEE 1588 Pre-
cision Time Protocol
Added new paragraph to end of section.
Section 4.10, In-Band Man-
agement
• First paragraph rewritten for greater clarity.
• Corrected number of ports in third paragraph.
• Added additional information to sixth para-
graph.
Section 4.11.3, Reduced
Gigabit Media Independent
Interface (RGMII)
• Added additional bullet to end of first bulleted
list: “In-Band Status is supported when con-
nected to a compatible PHY.”
• Updated first paragraph after bulleted lists.
• Added new subsection Section 4.11.3.1,
RGMII In-Band Status (IBS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com