Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 220 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 220 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 216Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 217Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 218Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 219Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 220Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 221Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 222Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 223Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 226 page
background image
KSZ9563R
DS00002419D-page 220
 2017-2018 Microchip Technology Inc.
Section 5.1.2.2, In-Band
Management (IBA) Control
Register
Added to description of bit 31 to indicate the polar-
ity is reversed compared to the LED1_1 pin.
Section 5.1.2.5, LED Over-
ride Register,
Section 5.1.2.6, LED Output
Register
Corrected “GPIO” references to “GPO”.
Section 5.1.2.7, LED2_0/
LED2_1 Source Register
• In bit 3 description, changed “PTP Trigger 1” to
“GPIO_2 source”
• In bit 2 description, changed “PTP Trigger 0” to
“GPIO_1 source”
Section 5.1.3.2, LED Strap-
In Register
Updated field 3:0 description.
Section 5.1.6.17, Timestamp
Control and Status Register
• Updated register description.
• Added notes to bits 8, 7, and 6.
Section 5.1.6.20, Trigger
Output Unit Control 1 Regis-
ter
Added bit 16 definition.
Section 5.2.1.13, Port Oper-
ation Control 0 Register
Updated bit 7 and 6 descriptions to indicate they
are in relation to the MAC.
Section 5.2.2.15, PHY
Remote Loopback Register
Removed last sentence of bit 8 description.
Section 5.2.3.2, XMII Port
Control 1 Register
• Bit 6 description 1 and 0 definitions swapped.
• Bit 2 definition updated to include RGMII.
Section 5.2.3.3, XMII Port
Control 3 Register
Added new register.
Section 5.2.4.1, Port MAC
Control 0 Register
Made bit 0 reserved.
Table 6-12, "Power-up and
Reset Timing Values"
Added row for trw.
DS00002419C (11-05-18)
Section 5.1.2.2, "In-Band
Management (IBA) Control
Register"
Default values changed for bits 31 and 18:16.
All
Removed references to gPTP and IEEE 802.1AS
AVB throughout the document. Removed refer-
ences to IEEE 1588 two-step support. IEEE 1588
one-step remains.
Section 5.1.1.2, "Global
Chip ID 1 Register",
Section 5.1.1.2, "Global
Chip ID 1 Register"
Corrected default register values.
Section 5.1.1.6, "Global
Chip ID 4 Register"
Added new register.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com