Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 105 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 105 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 101Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 102Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 103Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 104Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 105Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 106Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 107Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 108Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 105
KSZ9563R
5.1.5.10
ALU / Static Address Table Entry 1 Register
This register contains the table entry values for read and write operations to the Address Lookup Table and Static
Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following
sections:
• ALU Table Entry 1 Register on page 184
• Static Address Table Entry 1 Register on page 186
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181 and Section 5.3.2, "Static Address Table," on
page 185 for additional information.
5.1.5.11
ALU / Static Address / Reserved Multicast Table Entry 2 Register
The field definitions of this register differ dependent on the table type used, as defined in the following sections:
• ALU Table Entry 2 Register on page 184
• Static Address Table Entry 2 Register on page 186
• Reserved Multicast Address Table Entry 2 Register on page 188
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181, Section 5.3.2, "Static Address Table," on page 185,
and Section 5.3.3, "Reserved Multicast Address Table," on page 187 for additional information.
5.1.5.12
ALU / Static Address Table Entry 3 Register
The field definitions of this register differ dependent on the table type used, as defined in the following sections:
• ALU Table Entry 3 Register on page 185
• Static Address Table Entry 3 Register on page 187
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181 and Section 5.3.2, "Static Address Table," on
page 185 for additional information.
5.1.5.13
ALU / Static Address Table Entry 4 Register
This register contains the table entry values for read and write operations to the Address Lookup Table and Static
Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following
sections:
• ALU Table Entry 4 Register on page 185
• Static Address Table Entry 4 Register on page 187
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181 and Section 5.3.2, "Static Address Table," on
page 185 for additional information.
Address:
0x0420 - 0x0423
Size:
32 bits
Address:
0x0424 - 0x0427
Size:
32 bits
Address:
0x0428 - 0x042B
Size:
32 bits
Address:
0x042C - 0x042F
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com