Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 106 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 106 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 102Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 103Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 104Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 105Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 106Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 107Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 108Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 109Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 226 page
background image
KSZ9563R
DS00002419D-page 106
 2017-2018 Microchip Technology Inc.
5.1.6
GLOBAL SWITCH PTP CONTROL REGISTERS (0x0500 - 0x05FF)
5.1.6.1
Global PTP Clock Control Register
Address:
0x0500 - 0x0501
Size:
16 bits
Bits
Description
Type
Default
15
Disable Switch Frequency Adjustment
1 = The switch timers, shapers and policing logic will NOT adjust the
frequency based on PTP adjustments.
0 = The switch timers, shapers and policing logic will adjust the frequency
based on PTP adjustments.
R/W
0b
14:7
RESERVED
RO
000_0000_0b
6
PTP Clock Step Adjustment
Setting this bit will cause the time value in the Global PTP RTC Clock
Nanosecond High Word Register and Global PTP RTC Clock Nanosecond
High Word Register to be added to or subtracted from (based on the value of
bit 5) the PTP clock.
R/W
SC
0b
5
PTP Step Direction
Direction control for PTP step adjustment mode.
1 = Add the time value
0 = Subtract the time value
R/W
0b
4
PTP Clock Read
Setting this bit will cause the current PTP clock value to be copied into
registers 0x0502 to 0x050B.
R/W
SC
0b
3
PTP Clock Load
Setting this bit will cause the PTP clock to be loaded with the time value in
registers 0x0502 to 0x050B.
R/W
SC
0b
2
PTP Clock Continuous Adjustment
When continuous adjustment is enabled, the SUB-NS_RATE value in the
Global PTP Clock Sub-Nanosecond Rate High Word Register and Global
PTP Clock Sub-Nanosecond Rate Low Word Register is added to or
subtracted from (based on the PTP_RATE_DIR bit in the Global PTP Clock
Sub-Nanosecond Rate High Word Register) the PTP clock on every 25MHz
clock cycle.
1 = Enable continuous adjustment
0 = Disable continuous adjustment
R/W
0b
1
Enable PTP Clock
1 = Enable PTP clocking
0 = Disable PTP clocking
R/W
0b
0
Reset PTP Clock
Setting this bit will reset the PTP clock.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com