Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 142 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 142 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 138Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 139Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 140Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 141Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 142Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 143Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 144Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 145Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 226 page
background image
KSZ9563R
DS00002419D-page 142
 2017-2018 Microchip Technology Inc.
5.2.2.10
PHY 1000BASE-T Control Register
PHY register 0x09.
11
Toggle
1 = Previous value of transmitted link code word equaled logic zero
0 = Previous value of transmitted link code word equaled logic one
RO
-
10:0
Message Field
RO
-
Address:
0xN112 - 0xN113
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15:13
Transmitter test mode operations
[15:13]Mode
[000] Normal operation
[001] Test mode 1 –Transmit waveform test
[010] Test mode 2 –Transmit jitter test in master mode
[011] Test mode 3 –Transmit jitter test in slave mode
[100] Test mode 4 –Transmitter distortion test
[101] Reserved, operations not identified
[110] Reserved, operations not identified
[111] Reserved, operations not identified
To enable 1000Base-T Test Mode:
1) Set Register 0xN100 – 0xN101 = 0x0140 to disable auto-negotiation and
select 1000Mbps speed.
2) Set this register, bits [15:13] = 001, 010, 011, or 100 to select one of the
1000Base-T Test Modes.
After the above settings, the test waveform for the selected test mode is
transmitted onto each of the 4 differential pairs. No link partner is needed.
R/W
000b
12
Master-Slave Manual Configuration Enable
1 = Enable master-slave manual configuration
0 = Disable master-slave manual configuration
R/W
0b
11
Master-Slave Manual Configuration Value
This bit is ignored if master-slave manual configuration is disabled (bit 12)
1 = Configure PHY as master during master-slave negotiation
0 = Configure PHY as slave during master-slave negotiation
R/W
0b
10
Port Type
This bit is valid only if master-slave manual configuration is disabled (bit 12)
1 = Indicate the preference to operate as multi-port device (master)
0 = Indicate the preference to operate as single-port device (slave)
R/W
0b
9
1000BASE-T Full Duplex
1 = Advertise that PHY is 1000BASE-T full duplex capable
0 = Advertise that PHY is not 1000BASE-T full duplex capable
R/W
1b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com