Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 145 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 145 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 141Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 142Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 143Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 144Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 145Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 146Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 147Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 148Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 145
KSZ9563R
5.2.2.14
PHY Extended Status Register
PHY register 0x0F.
5.2.2.15
PHY Remote Loopback Register
PHY register 0x11.
Address:
0xN11E - 0xN11F
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
1000BASE-X Full-Duplex
1 = PHY able to perform 1000BASE-T full duplex
0 = PHY cannot perform 1000BASE-T full-duplex
RO
0b
14
1000BASE-X Half-Duplex
1 = PHY able to perform 1000BASE-T half duplex
0 = PHY cannot perform 1000BASE-T half-duplex
RO
0b
13
1000BASE-T Full-Duplex
1 = PHY able to perform 1000BASE-T full duplex
0 = PHY cannot perform 1000BASE-T full-duplex
RO
1b
12
1000BASE-T Half-Duplex
1 = PHY able to perform 1000BASE-T half duplex
0 = PHY cannot perform 1000BASE-T half-duplex
RO
1b
11:0
RESERVED
RO
Address:
0xN122 - 0xN123
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15:9
RESERVED
R/W
0x00
8
Remote Loopback
Data received at the external pins of a port is looped back and sent out the
same port, without passing through the internal switch fabric. For PHY ports,
data is received on the RX+/- pins and transmitted out the TX+/- pins.
1 = Remote loopback
0 = Normal operation
R/W
0b
7:2
RESERVED
R/W
1111_01b
1
RESERVED
R/W
RC
0b
0
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com