Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 35 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 35 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 31Page - Texas Instruments AM68AX Datasheet HTML 32Page - Texas Instruments AM68AX Datasheet HTML 33Page - Texas Instruments AM68AX Datasheet HTML 34Page - Texas Instruments AM68AX Datasheet HTML 35Page - Texas Instruments AM68AX Datasheet HTML 36Page - Texas Instruments AM68AX Datasheet HTML 37Page - Texas Instruments AM68AX Datasheet HTML 38Page - Texas Instruments AM68AX Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
V27
MCASP1_AXR1
PADCFG:
PADCONFIG_19
0x4301C04C
MCAN7_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP1_AXR1
1
IO
VOUT0_DATA10
2
O
HYP1_RXPMCLK
3
I
GPMC0_AD8
6
IO
GPIO0_19
7
IO
SPI3_D0
8
IO
EHRPWM_TZn_IN1
9
I
TRC_DATA8
10
O
UART0_CTSn
11
I
UART9_RXD
12
I
I2C2_SCL
13
IOD
W27
MCASP1_AXR2
PADCFG:
PADCONFIG_20
0x4301C050
MCAN8_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP1_AXR2
1
IO
VOUT0_DATA9
2
O
HYP1_RXPMDAT
3
I
VOUT0_DATA21
5
O
GPMC0_AD9
6
IO
GPIO0_20
7
IO
SPI3_D1
8
IO
EQEP2_B
9
I
TRC_DATA6
10
O
UART0_RTSn
11
O
UART9_TXD
12
O
I2C2_SDA
13
IOD
AD26
MCASP1_AXR3
PADCFG:
PADCONFIG_44
0x4301C0B0
MCAN9_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP1_AXR3
1
IO
GPMC0_A9
5
OZ
RGMII1_RXC
6
I
GPIO0_44
7
IO
RMII1_TXD1
8
O
EQEP1_A
9
I
UART8_TXD
11
O
I2C1_SDA
13
IOD
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com