Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 38 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 38 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 34Page - Texas Instruments AM68AX Datasheet HTML 35Page - Texas Instruments AM68AX Datasheet HTML 36Page - Texas Instruments AM68AX Datasheet HTML 37Page - Texas Instruments AM68AX Datasheet HTML 38Page - Texas Instruments AM68AX Datasheet HTML 39Page - Texas Instruments AM68AX Datasheet HTML 40Page - Texas Instruments AM68AX Datasheet HTML 41Page - Texas Instruments AM68AX Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
N26
MCU_ADC1_AIN6
PADCFG:
WKUP_PADCONFIG_91
0x4301C16C
MCU_ADC1_AIN6
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_85
7
I
N27
MCU_ADC1_AIN7
PADCFG:
WKUP_PADCONFIG_92
0x4301C170
MCU_ADC1_AIN7
0
A
1.8 V
0
VDDA_ADC1
ADC12B
No
WKUP_GPIO0_86
7
I
G24
MCU_I2C0_SCL
PADCFG:
WKUP_PADCONFIG_66
0x4301C108
MCU_I2C0_SCL
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_MC
U
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_65
7
IO
J25
MCU_I2C0_SDA
PADCFG:
WKUP_PADCONFIG_67
0x4301C10C
MCU_I2C0_SDA
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_MC
U
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_87
7
IO
E28
MCU_MCAN0_RX
PADCFG:
WKUP_PADCONFIG_47
0x4301C0BC
MCU_MCAN0_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
WKUP_GPIO0_61
7
IO
E27
MCU_MCAN0_TX
PADCFG:
WKUP_PADCONFIG_46
0x4301C0B8
MCU_MCAN0_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
WKUP_GPIO0_60
7
IO
A21
MCU_MDIO0_MDC
PADCFG:
WKUP_PADCONFIG_39
0x4301C09C
MCU_MDIO0_MDC
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
WKUP_GPIO0_53
7
IO
A22
MCU_MDIO0_MDIO
PADCFG:
WKUP_PADCONFIG_38
0x4301C098
MCU_MDIO0_MDIO
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
WKUP_GPIO0_52
7
IO
D19
MCU_OSPI0_CLK
PADCFG:
WKUP_PADCONFIG_0
0x4301C000
MCU_OSPI0_CLK
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_HYPERBUS0_CK
1
O
WKUP_GPIO0_16
7
IO
E18
MCU_OSPI0_DQS
PADCFG:
WKUP_PADCONFIG_2
0x4301C008
MCU_OSPI0_DQS
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_HYPERBUS0_RWDS
1
IO
WKUP_GPIO0_18
7
IO
E20
MCU_OSPI0_LBCLKO
PADCFG:
WKUP_PADCONFIG_1
0x4301C004
MCU_OSPI0_LBCLKO
0
IO
1.8 V/3.3 V
Off / Off / Off
On / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_HYPERBUS0_CKn
1
O
WKUP_GPIO0_17
7
IO
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com