Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 51 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 47Page - Texas Instruments AM68AX Datasheet HTML 48Page - Texas Instruments AM68AX Datasheet HTML 49Page - Texas Instruments AM68AX Datasheet HTML 50Page - Texas Instruments AM68AX Datasheet HTML 51Page - Texas Instruments AM68AX Datasheet HTML 52Page - Texas Instruments AM68AX Datasheet HTML 53Page - Texas Instruments AM68AX Datasheet HTML 54Page - Texas Instruments AM68AX Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
B28
TRSTn
PADCFG:
WKUP_PADCONFIG_74
0x4301C128
TRSTn
0
I
1.8 V/3.3 V
On / NA / Down
On / Off / Down
0
VDDSHV0_MC
U
LVCMOS
No
AG2
USB0_DM
USB0_DM
IO
3.3 V
VDDA_0P8_US
B /
VDDA_1P8_US
B /
VDDA_3P3_US
B
USB2PHY
AH2
USB0_DP
USB0_DP
IO
3.3 V
VDDA_0P8_US
B /
VDDA_1P8_US
B /
VDDA_3P3_US
B
USB2PHY
AC9
USB0_ID
USB0_ID
A
3.3 V
VDDA_0P8_US
B /
VDDA_1P8_US
B /
VDDA_3P3_US
B
USB2PHY
AA6
USB0_RCALIB
USB0_RCALIB
A
3.3 V
VDDA_0P8_US
B /
VDDA_1P8_US
B /
VDDA_3P3_US
B
USB2PHY
AA8
USB0_VBUS
USB0_VBUS
A
5.0 V
VDDA_0P8_US
B /
VDDA_1P8_US
B /
VDDA_3P3_US
B
DDR
N17, V11,
V16, Y20
VDDAR_CORE
VDDAR_CORE
PWR
H9, K14, P11,
P14, V13
VDDAR_CPU
VDDAR_CPU
PWR
K17, K19
VDDAR_MCU
VDDAR_MCU
PWR
AB14
VDDA_0P8_DSITX
VDDA_0P8_DSITX
PWR
AB15
VDDA_0P8_DSITX_C
VDDA_0P8_DSITX_C
PWR
AB8
VDDA_0P8_USB
VDDA_0P8_USB
PWR
AB17, AB18
VDDA_0P8_CSIRX0_1
VDDA_0P8_CSIRX0_1
PWR
W7
VDDA_0P8_DLL_MMC0
VDDA_0P8_DLL_MMC0
PWR
P10
VDDA_0P8_PLL_DDR0
VDDA_0P8_PLL_DDR0
PWR
J14
VDDA_0P8_PLL_DDR1
VDDA_0P8_PLL_DDR1
PWR
AB10, AB11
VDDA_0P8_SERDES0_1
VDDA_0P8_SERDES0_1
PWR
AA10, AA11
VDDA_0P8_SERDES_C0_1
VDDA_0P8_SERDES_C0_1
PWR
AA14, AA15
VDDA_1P8_DSITX
VDDA_1P8_DSITX
PWR
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com