Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 28 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 28 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 24Page - Texas Instruments AM68AX Datasheet HTML 25Page - Texas Instruments AM68AX Datasheet HTML 26Page - Texas Instruments AM68AX Datasheet HTML 27Page - Texas Instruments AM68AX Datasheet HTML 28Page - Texas Instruments AM68AX Datasheet HTML 29Page - Texas Instruments AM68AX Datasheet HTML 30Page - Texas Instruments AM68AX Datasheet HTML 31Page - Texas Instruments AM68AX Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
AB28
MCASP0_ACLKX
PADCFG:
PADCONFIG_14
0x4301C038
MCAN5_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP0_ACLKX
1
IO
VOUT0_DATA15
2
O
HYP0_RXFLCLK
3
O
GPMC0_AD0
6
IO
GPIO0_14
7
IO
EHRPWM_TZn_IN2
9
I
UART8_RXD
11
I
U27
MCASP0_AFSX
PADCFG:
PADCONFIG_15
0x4301C03C
MCAN5_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP0_AFSX
1
IO
VOUT0_DATA14
2
O
HYP0_RXFLDAT
3
O
GPMC0_AD1
6
IO
GPIO0_15
7
IO
EHRPWM2_B
9
IO
UART8_TXD
11
O
AA24
MCASP1_ACLKX
PADCFG:
PADCONFIG_46
0x4301C0B8
MCAN10_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP1_ACLKX
1
IO
DP0_HPD
3
I
GPMC0_A11
5
OZ
RGMII1_RD0
6
I
GPIO0_46
7
IO
EQEP0_S
9
IO
UART4_RTSn
11
O
SPI3_CS3
12
IO
UART9_RTSn
13
O
V28
MCASP1_AFSX
PADCFG:
PADCONFIG_47
0x4301C0BC
MCAN11_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP1_AFSX
1
IO
GPMC0_A12
5
OZ
MDIO0_MDIO
6
IO
GPIO0_47
7
IO
SPI3_CS0
8
IO
EQEP0_I
9
IO
UART0_RXD
11
I
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com