Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 95 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 91Page - Texas Instruments AM68AX Datasheet HTML 92Page - Texas Instruments AM68AX Datasheet HTML 93Page - Texas Instruments AM68AX Datasheet HTML 94Page - Texas Instruments AM68AX Datasheet HTML 95Page - Texas Instruments AM68AX Datasheet HTML 96Page - Texas Instruments AM68AX Datasheet HTML 97Page - Texas Instruments AM68AX Datasheet HTML 98Page - Texas Instruments AM68AX Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 251 page
background image
Table 6-116. Power Supply Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
VSS
GND
Ground
A14, A5, AA13, AA16,
AA18, AA20, AA22, AA3,
AA5, AA7, AA9, AB12,
AB16, AB19, AB2, AB21,
AB23, AB4, AB6, AC11,
AC22, AC26, AC3, AC5,
AC7, AC8, AD15, AD18,
AD21, AD6, AD9, AE10,
AE14, AE17, AE20, AE23,
AE4, AE7, AF12, AF15,
AF18, AF21, AF24, AF5,
AF8, AG10, AG14, AG17,
AG20, AG23, AG4, AG7,
AH1, AH12, AH15, AH18,
AH21, AH24, AH3, AH6,
AH9, B11, B13, B15, B17,
B2, B23, B4, B6, B8, C1,
C12, C14, C16, C18, C3,
C5, C7, D11, D13, D15,
D17, D2, D4, D6, D8, E1,
E12, E14, E16, E26, E3,
E5, E7, F2, F4, F6, G13,
G28, G3, G5, G7, G9,
H10, H12, H14, H2, H21,
H4, H6, H8, J1, J11, J18,
J24, J3, J5, J7, J9, K15,
K2, K20, K27, K4, K6, K8,
L14, L16, L3, L5, L7, L9,
M15, M17, M2, M25, M4,
M6, M8, N1, N16, N18,
N21, N23, N3, N7, P15,
P17, P19, P22, P6, P9,
R10, R14, R16, R18, R23,
R26, R7, T11, T13, T15,
T17, T19, T2, T22, T4, T6,
T9, U12, U14, U16, U20,
U23, U3, U5, U7, V10,
V15, V17, V2, V21, V24,
V4, V6, V8, W1, W11,
W12, W14, W16, W18,
W20, W22, W26, W3, W6,
W9, Y10, Y13, Y15, Y17,
Y19, Y2, Y21, Y23, Y4, Y6
(1)
This pin must always be connected via a 1-μF ±10% capacitor to VSS.
6.4 Connection for Unused Pins
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power balls must be supplied with the voltages specified in the Recommended Operating
Conditions section, unless otherwise specified in Signal Descriptions.
Note
For additional clarification, "left unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball number.
Table 6-117 shows the connectivity requirements for specific signals by ball name and ball number.
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com